M3V22T2AJ-R
AI

The **M3V22T2AJ-R** is a specific part number for a **Chip Tantalum Capacitor** manufactured by **NEC/TOKIN** (now part of KEMET). These components are widely used in power management circuits due to their stability and high capacitance-to-volume ratio.
---
### 1. Key Technical Specifications
The part number follows a specific coding convention that defines its electrical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Capacitance** | 22 µF | The energy storage capacity. |
| **Voltage Rating** | 35V (approx) | Maximum DC voltage it can withstand safely. |
| **Tolerance** | ±20% (Standard) | The allowable deviation from the nominal capacitance. |
| **Case Size** | Case T / Case B | Surface-mount design for compact PCBs. |
| **Material** | Tantalum | Uses a tantalum anode with a MnO₂ (Manganese Dioxide) cathode. |
---
### 2. Functional Characteristics
As a Tantalum capacitor, the M3V22T2AJ-R possesses distinct advantages and behaviors:
* **Polarity:** These are **polarized** components. Installing them backwards will lead to catastrophic failure (short circuit or explosion).
* **Low Leakage Current:** They are excellent at maintaining a charge over time compared to aluminum electrolytic capacitors.
* **Volumetric Efficiency:** Provides high capacitance in a very small SMD (Surface Mount Device) footprint.
* **Stability:** Offers stable capacitance across a wide temperature range and frequency spectrum.
---
### 3. Common Applications
This specific part is typically found in the following electronic environments:
1. **Filtering:** Smoothing out ripples in DC-DC converters and power supply lines.
2. **Decoupling:** Placing near high-speed ICs to provide instantaneous current and reduce noise.
3. **Timing Circuits:** Used in RC (Resistor-Capacitor) circuits where long-term stability is required.
4. **Consumer Electronics:** Found in laptops, telecommunication equipment, and handheld devices.
---
### 4. Safety and Handling
When working with the M3V22T2AJ-R, engineers must consider:
* **Derating:** It is standard industry practice to "derate" tantalum capacitors by at least 50%. If the part is rated for 35V, it is best used in circuits not exceeding 17.5V to ensure longevity.
* **ESR (Equivalent Series Resistance):** These parts have a specific ESR that influences how much heat they generate during high-ripple current applications.
---
- ⤷
What are the specific dimensions of the 'Case T' footprint for this capacitor?
- ⤷ How does a Tantalum capacitor compare to a Polymer capacitor in terms of reliability?
- ⤷ What are the common failure modes if the voltage rating is exceeded?