M3V22T2J-R
AI

The **M3V22T2J-R** is a specific part number belonging to the **M3V series** of Voltage Controlled Crystal Oscillators (VCXO), typically manufactured by companies like MtronPTI. These components are critical for frequency control and timing in telecommunications and data processing systems.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | VCXO | Voltage Controlled Crystal Oscillator |
| **Voltage Supply** | 3.3V | Operates on a standard 3.3V DC rail |
| **Output Type** | CMOS / HCMOS | Standard logic level output for digital circuits |
| **Frequency Stability** | ±25 ppm to ±50 ppm | Varies by sub-suffix, usually indicating high precision |
| **Package Size** | 5.0 x 7.0 mm | Standard 6-pad SMD (Surface Mount Device) ceramic package |
| **Operating Temp** | -40°C to +85°C | Industrial temperature grade |
---
### 2. Functional Components
A VCXO like the M3V22T2J-R consists of several internal sub-sections:
* **Quartz Crystal Resonator:** The heart of the part, providing the base stable frequency.
* **Varactor Diode:** A voltage-variable capacitor that allows the user to "pull" or adjust the oscillation frequency by applying an external control voltage.
* **Oscillator IC:** An integrated circuit that sustains the oscillation and provides the CMOS output buffer.
* **Voltage Control Pin (Vc):** Usually Pin 1, used to fine-tune the output frequency to synchronize with a reference clock.
---
### 3. Pin Configuration (Standard 6-Pad SMD)
Typical layout for this series:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **Voltage Control (Vc)** | Input to adjust the frequency |
| **2** | **Tristate / OE** | Output Enable (high = active, low = high impedance) |
| **3** | **Ground** | Circuit common |
| **4** | **Output** | CMOS clock signal output |
| **5** | **N/C** | No connection (often used for differential signals in other models) |
| **6** | **Vdd** | Power supply (+3.3V) |
---
### 4. Common Applications
* **Phase-Locked Loops (PLL):** Used to synchronize local clocks with incoming data streams.
* **Telecommunications:** Base stations, SONET/SDH, and Ethernet synchronization.
* **Digital Video:** Jitter reduction in high-definition video processing.
* **Frequency Synthesis:** Generating variable frequencies from a stable reference.
- ⤷
What is the 'pulling range' for the M3V series VCXOs?
- ⤷ How does the Tristate function affect power consumption in this device?
- ⤷ What are the recommended soldering profiles for this SMD package?