M3V23V1AJ-R
AI

The **M3V23V1AJ-R** is a specific part number for a **Surface Mount (SMD) Quartz Crystal Oscillator**. It is commonly used in telecommunications, networking, and consumer electronics to provide a precise clock signal for integrated circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
Based on the standard naming convention for this series (often associated with manufacturers like MtronPTI), the specifications are typically as follows:
| Parameter | Details |
| :--- | :--- |
| **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) or Standard XO |
| **Package Type** | SMD (Surface Mount Device) |
| **Package Size** | 3.2mm x 5.0mm (Standard J-Lead or Ceramic) |
| **Output Type** | CMOS / HCMOS |
| **Input Voltage ($V_{dd}$)** | 3.3V DC (Typical for the '3V' designation) |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Pin Configuration
The device usually features 4 or 6 pads. For a standard 4-pad configuration:
1. **Pin 1 (VC or NC):** Control Voltage (for VCXO) or No Connection.
2. **Pin 2 (GND):** Case Ground and Supply Return.
3. **Pin 3 (Output):** The generated frequency signal.
4. **Pin 4 ($V_{dd}$):** Power Supply Input.
---
### 3. Key Electronic Characteristics
* **Frequency Stability:** Usually ranges from $\pm25ppm$ to $\pm100ppm$, ensuring the timing remains consistent across temperature variations.
* **Operating Temperature:** Typically rated for $-40^\circ C$ to $+85^\circ C$ (Industrial Grade).
* **Low Jitter:** Designed to provide a "clean" signal with minimal timing noise, which is critical for high-speed data transmission.
* **Tri-state Function:** Often includes an Enable/Disable function on Pin 1 to reduce power consumption when the clock is not needed.
---
### 4. Typical Applications
The M3V23V1AJ-R is found in circuits requiring stable frequency references:
* **Network Switches/Routers:** Syncing data packets.
* **Wireless Communication:** Base stations and RF modules.
* **Embedded Systems:** Providing the heartbeat for Microcontrollers (MCUs) or FPGAs.
* **Phase-Locked Loops (PLL):** Used as a reference frequency in frequency synthesis.
---
- ⤷
What is the exact frequency of the M3V23V1AJ-R in your specific circuit?
- ⤷ How does a VCXO differ from a standard XO in electronic design?
- ⤷ What are the soldering requirements for the 3.2x5mm SMD package?