M3V24T1CJ-R
AI

The **M3V24T1CJ-R** is a specific surface-mount crystal oscillator produced by **Kyocera**. It belongs to the M3V series, which are Voltage Controlled Crystal Oscillators (VCXOs) designed for high-precision timing and frequency control applications.
---
### 1. Key Technical Specifications
The following table outlines the core electronic characteristics of the M3V24T1CJ-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Nominal Frequency** | 24.000 MHz |
| **Supply Voltage (Vcc)** | 3.3V (±10%) |
| **Output Type** | CMOS |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±50 ppm |
| **Package Size** | 7.0 x 5.0 mm (SMD) |
| **Control Voltage Range** | 1.65V ± 1.35V |
---
### 2. Functional Components and Pins
As a VCXO, this part includes internal circuitry to pull or adjust the output frequency based on an external input voltage.
* **VC (Voltage Control):** Pin 1. Applying a voltage here allows the user to fine-tune the 24MHz output frequency.
* **Enable/Disable (OE):** Often included on Pin 2 to put the device in a low-power standby mode.
* **Vcc and GND:** Power supply pins (3.3V).
* **Output:** The clock signal (Square wave CMOS) used by the MCU or DSP.
---
### 3. Application Areas
The M3V24T1CJ-R is typically used in circuits where the clock signal needs to be synchronized with an external reference:
1. **Phase-Locked Loops (PLLs):** Used to lock the frequency to an incoming data stream.
2. **Broadcasting Equipment:** Ensuring video and audio signals remain in sync.
3. **Network Infrastructure:** Synchronous Ethernet or SONET/SDH timing.
4. **Set-top Boxes:** Managing digital signal timing.
---
### 4. Circuit Implementation Example
When integrating this part into a PCB design, it is standard practice to include decoupling capacitors.
```c
// Typical Connection Diagram Logic
// Pin 1 (VC) <-- Connect to DAC or Control Voltage
// Pin 2 (OE) <-- Connect to Logic High to Enable
// Pin 3 (GND) <-- Ground Plane
// Pin 4 (OUT) <-- Trace to Microcontroller/Processor
// Pin 5 (NC) <-- No Connection
// Pin 6 (Vcc) <-- 3.3V with 0.1uF Bypass Capacitor
```
- ⤷
How does the control voltage affect the output frequency in this specific VCXO?
- ⤷ What are the footprint compatibility alternatives for the 7050 package size?
- ⤷ Does this model support 'Tri-state' output functionality?