M3V24TCJ-R
AI

The **M3V24TCJ-R** is a specific part number typically associated with **SMD (Surface Mount Device) Quartz Crystal Oscillators**, often manufactured by companies like **Kyocera** or other specialized timing component vendors. These components are critical for providing a stable clock signal in digital circuits.
---
## 1. Component Overview
The "M3V" series generally refers to high-precision voltage-controlled crystal oscillators (VCXO) or standard clock oscillators designed for low-voltage applications.
### Technical Specifications (General Profile)
| Parameter | Typical Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SMD) |
| **Package Size** | 7.0 x 5.0 mm (Commonly) |
| **Mounting Type** | Surface Mount (SMT) |
| **Output Type** | CMOS / TTL Compatible |
| **Operating Voltage** | 3.3V (Typical for '3V' series) |
| **Packaging** | Tape & Reel (Indicated by '-R') |
---
## 2. Key Features
* **Stability:** High frequency stability over a wide temperature range, essential for telecommunications and networking.
* **Low Phase Jitter:** Designed to minimize timing errors in high-speed data transmission.
* **RoHS Compliant:** The "-R" suffix often denotes compliance with environmental standards and high-volume Tape & Reel packaging.
* **Tri-state Function:** Usually includes an Enable/Disable pin to save power when the clock signal is not needed.
---
## 3. Pin Configuration
Most oscillators in this package size follow a standard 4-pin or 6-pin layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Vc or OE | Voltage Control or Output Enable |
| **2** | GND | Ground Connection |
| **3** | Output | The generated clock signal |
| **4** | Vcc | Power Supply (e.g., 3.3V) |
---
## 4. Common Applications
These parts are found in precision-dependent electronics:
1. **Networking Hardware:** Routers, switches, and fiber-optic modules.
2. **Computing:** Motherboards and peripheral controllers.
3. **Industrial:** PLC controllers and synchronization modules.
4. **Audio/Video:** Digital Signal Processors (DSPs) requiring clean timing.
---
## 5. Part Number Breakdown (Deconstruction)
* **M3V:** Series identifier (Voltage/Type).
* **24:** Often represents the nominal frequency (e.g., 24.000 MHz).
* **TCJ:** Internal manufacturer codes for stability, temperature range, and duty cycle.
* **-R:** Packaging code for Tape and Reel.
---
- ⤷What is the exact frequency of the M3V24TCJ-R?
- ⤷ Can this oscillator be used in automotive applications?
- ⤷ What are the pin-compatible alternatives for this component?