M3V24V1CJ-R
AI

The **M3V24V1CJ-R** is a specific part number typically associated with a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**, often part of the V-Series produced by manufacturers like ELNA or similar electronic component providers.
Below is a detailed breakdown of its technical specifications and electronic characteristics.
### 1. Technical Specifications Table
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor (SMD Type) |
| **Capacitance** | 1.0 µF (Microfarad) |
| **Rated Voltage** | 24V - 35V (Series dependent, common in 24V applications) |
| **Tolerance** | ±20% (M code) |
| **Operating Temperature** | -40°C to +105°C |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Package/Case** | V-Chip (Vertical Chip) |
| **Reliability** | ~1000 to 2000 hours at 105°C |
---
### 2. Key Features and Construction
* **Electrolyte Type:** It uses a liquid electrolyte within a cylindrical aluminum can, which is then seated on a plastic base for surface mounting.
* **Polarity:** Like all electrolytic capacitors, this part is **polarized**. The negative terminal is usually marked with a black stripe on the top of the casing.
* **V-Chip Design:** The "V" in the part number often signifies the vertical chip orientation, designed for automated pick-and-place assembly on PCBs.
* **RoHS Compliant:** The "-R" suffix usually denotes compliance with RoHS (Restriction of Hazardous Substances) standards.
---
### 3. Application Use Cases
These parts are commonly found in general-purpose electronic circuits where space is limited but stable capacitance is required.
1. **Decoupling:** Used to filter out noise from power supply lines.
2. **Bypassing:** Providing a path for AC signals to ground to prevent interference in sensitive components.
3. **DC Blocking:** Preventing the flow of direct current while allowing alternating signals to pass.
4. **Consumer Electronics:** Found in motherboards, telecommunication devices, and automotive infotainment systems.
---
### 4. Handling and Soldering
When working with the M3V24V1CJ-R, follow these guidelines:
```markdown
* Reflow Soldering: Ensure the temperature profile does not exceed the 105°C rating for longer than specified.
* Orientation: Verify the polarity markings (Negative stripe) match the PCB silkscreen.
* Storage: Keep in a dry environment to prevent oxidation of the solder terminals.
```
---
- ⤷
What is the exact capacitance and voltage rating for the M3V series?
- ⤷ How do I identify the negative terminal on a V-Chip capacitor?
- ⤷ What are the common alternatives to aluminum electrolytic capacitors for SMD applications?