M3V26T1CJ-R
AI

The **M3V26T1CJ-R** is a specific part number for a high-performance **Crystal Oscillator** manufactured by **Microchip Technology** (formerly Vectron International). It is a Voltage Controlled Crystal Oscillator (VCCO/VCXO) designed for precision timing applications.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and physical characteristics of the M3V series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Frequency Range** | Typically 1.5 MHz to 170 MHz |
| **Output Logic** | CMOS / HCMOS |
| **Supply Voltage ($V_{DD}$)** | +3.3 VDC |
| **Package Size** | 3.2 x 5.0 mm (SMD) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Stability** | ±50 ppm (standard, varies by suffix) |
| **Mounting Type** | Surface Mount (SMT) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's configuration:
* **M3V**: The series designation (3.2 x 5.0 mm VCXO).
* **26**: Represents specific stability and pullability parameters.
* **T**: Operating Temperature Range (usually Industrial: -40°C to +85°C).
* **1**: Supply Voltage (3.3V).
* **CJ**: Output type and specific frequency control characteristics.
* **R**: Tape and Reel packaging (standard for automated assembly).
---
### 3. Functional Features
The M3V26T1CJ-R is characterized by several key functional blocks:
1. **Voltage Control (Pin 1):** Unlike standard fixed oscillators, this part allows the output frequency to be "tuned" or shifted slightly by applying a control voltage. This is critical for Phase Locked Loops (PLLs).
2. **Tristate Enable/Disable:** It includes an output enable function, allowing the oscillator to be disconnected from the bus for power saving or testing.
3. **Low Jitter:** Designed for high-speed data applications where timing precision is vital to prevent data errors.
---
### 4. Common Applications
Due to its voltage-controlled nature and small footprint, this part is commonly found in:
* **Telecommunications:** Base stations and switching equipment.
* **Broadband Access:** DSLAMs and cable head-end equipment.
* **Video Systems:** Digital video broadcast and processing.
* **Clock Recovery:** Used in circuits that need to synchronize with an incoming data stream.
---
- ⤷
What is the specific frequency of the M3V26T1CJ-R unit you are looking at?
- ⤷ How does a VCXO differ from a standard XO in a circuit?
- ⤷ What are the soldering layout requirements for the 3.2x5.0mm package?