M3V61T1CJ-R
AI

The **M3V61T1CJ-R** is a high-performance **Surface Mount (SMD) Aluminum Electrolytic Capacitor** from the **M3 series**, typically manufactured by companies like **Lelon** or **Nichicon** (depending on the specific sourcing line). It is designed for general-purpose applications requiring high capacitance in a compact form factor.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 100 µF (standard for this part code) |
| **Voltage Rating** | 16V DC |
| **Tolerance** | ±20% at 120Hz, 20°C |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | V-Chip (SMD) |
| **Size Code** | 6.3mm x 5.4mm (approximate) |
| **Life Cycles** | 2,000 hours at 85°C |
---
### 2. Breakdown of the Part Number
While naming conventions can vary slightly by manufacturer, the code generally breaks down as follows:
* **M3**: Series identifier (General Purpose / Standard 85°C).
* **V**: Denotes "Vertical" or V-Chip (SMD) mounting style.
* **61T**: Often refers to the size dimensions and capacitance multiplier.
* **1C**: Voltage rating code (1C usually represents **16 Volts**).
* **J-R**: Packaging/Tolerance indicator (R usually stands for **Tape & Reel** packaging).
---
### 3. Application Areas
These capacitors are found in various electronic circuits due to their cost-effectiveness and reliability in non-extreme environments:
* **Power Management:** Used for filtering and smoothing in DC-DC converters.
* **Consumer Electronics:** Found in motherboards, peripheral devices, and display panels.
* **Decoupling:** Providing a local energy reservoir for integrated circuits (ICs) to prevent voltage drops.
* **Telecommunications:** Used in routers and networking hardware for signal stability.
---
### 4. Precautions for Use
1. **Polarity:** This is a polarized component. Ensure the negative stripe on the top of the casing aligns with the board markings to avoid explosion or failure.
2. **Reflow Soldering:** As an SMD component, it is designed for reflow soldering. Ensure the temperature profile does not exceed the component's maximum rating (usually around 250°C for a few seconds).
3. **ESR (Equivalent Series Resistance):** This is a standard ESR part; for high-frequency switching power supplies, a "Low ESR" series might be required instead.
---
- ⤷
What are the direct equivalents for this capacitor from other brands like Panasonic or Rubycon?
- ⤷ How does the ripple current rating affect the lifespan of the M3V61T1CJ-R?
- ⤷ Can this 16V capacitor be used safely in a 12V power rail circuit?