M3V61T2CJ-R
AI

The **M3V61T2CJ-R** is a high-performance **VCXO (Voltage Controlled Crystal Oscillator)** manufactured by **NDK (Nihon Dempa Kogyo)**. These components are critical in telecommunications and data transmission for precise frequency control.
---
### 1. Key Technical Specifications
Below are the primary parameters that define the M3V61T2CJ-R:
| Parameter | Specification |
|:---|:---|
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Nominal Frequency** | Generally in the 10 MHz to 52 MHz range (Check specific suffix) |
| **Supply Voltage (Vcc)** | +3.3V DC (Typical for the M3V series) |
| **Output Type** | CMOS |
| **Package Size** | 3.2 x 2.5 mm (SMD Package) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±50 ppm (standard, varies by specific sub-model) |
---
### 2. Functional Characteristics
The M3V61T2CJ-R is designed to provide a stable clock signal that can be slightly adjusted (pulled) by an external control voltage.
* **Frequency Pulling Range:** This part allows the output frequency to be "tuned" via a control voltage (Vcont) pin, typically providing a range of ±90 ppm to ±150 ppm.
* **Low Phase Jitter:** It is engineered for low noise, making it suitable for high-speed digital circuits where timing accuracy is paramount.
* **RoHS Compliant:** The part is lead-free and meets environmental safety standards for electronics manufacturing.
---
### 3. Pin Configuration (Typical 6-pad Layout)
| Pin # | Function | Description |
|:---:|:---|:---|
| **1** | **Vcont** | Control voltage to adjust frequency |
| **2** | **OE or NC** | Output Enable (High = Active) or No Connection |
| **3** | **GND** | Ground |
| **4** | **OUT** | Clock Signal Output |
| **5** | **NC** | No Connection |
| **6** | **Vcc** | Power Supply (+3.3V) |
---
### 4. Common Applications
The M3V61T2CJ-R is predominantly used in hardware requiring synchronization:
1. **Base Stations:** For cellular network timing.
2. **Broadband Access:** DSLAMs and optical networking equipment.
3. **Video Equipment:** Ensuring frame rate synchronization in professional broadcast gear.
4. **PLL Circuits:** Used as a reference oscillator in Phase-Locked Loops.
- ⤷
What is the exact frequency pulling range for the M3V61T2CJ-R?
- ⤷ Can this component operate at 1.8V or 2.5V instead of 3.3V?
- ⤷ What are the recommended soldering profiles for this 3225 SMD package?