M3V63V1CJ-R
AI

The **M3V63V1CJ-R** is a specific part number for a Surface Mount (SMD) Aluminum Electrolytic Capacitor, typically manufactured by companies like **ELNA** or similar high-quality passive component producers.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Capacitance** | 100 µF (Typical) | The amount of electrical charge it can store. |
| **Voltage Rating** | 63V DC | The maximum continuous voltage it can handle. |
| **Mounting Type** | SMD (Surface Mount) | Designed for automated PCB assembly. |
| **Package / Case** | V-Chip | Cylindrical metal can with a square plastic base. |
| **Tolerance** | ±20% | Standard deviation allowed for capacitance value. |
| **Operating Temp** | -40°C to +105°C | Designed for standard to industrial temperature ranges. |
---
### 2. Part Number Breakdown
While naming conventions vary slightly by brand, the code usually decodes as follows:
* **M3V**: Often refers to the series (Vertical Chip, high temperature/long life).
* **63V**: The rated working voltage (63 Volts).
* **1CJ**: Encoded value for capacitance and dimensions (where 'C' or 'J' often represents specific multipliers or tolerance).
* **-R**: Generally indicates **Tape & Reel** packaging for automated pick-and-place machines.
---
### 3. Key Electronic Characteristics
* **Polarity:** This is a **polarized** component. It must be installed in the correct orientation (indicated by a black/dark mark on the top of the cylinder) to avoid component failure or explosion.
* **ESR (Equivalent Series Resistance):** These capacitors are designed to balance size with efficiency, providing filtering for power supply lines.
* **Lifetime:** Rated for approximately 2,000 hours at its maximum operating temperature (105°C). In real-world conditions at lower temperatures, the lifespan extends significantly.
---
### 4. Common Applications
1. **DC-DC Converters:** Filtering input and output ripples.
2. **Automotive Electronics:** Used in infotainment or lighting control modules due to temperature stability.
3. **Power Supplies:** Providing bulk capacitance for voltage stabilization.
4. **Industrial Equipment:** General-purpose decoupling on control boards.
- ⤷
What are the physical dimensions of the M3V series V-chip package?
- ⤷ Can this capacitor be used in AC circuits?
- ⤷ What is the shelf life of an electrolytic capacitor like the M3V63V1CJ-R?