AI

The **M3V64T1AJ-R** is a high-performance **VCXO (Voltage Controlled Crystal Oscillator)** manufactured by **Integrated Device Technology (IDT)**, which is now part of **Renesas Electronics**.
This component belongs to the **M3V series**, specifically designed for telecommunications and data communications applications requiring low jitter and precise frequency control.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) |
| **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Supply Voltage** | 3.3V |
| **Package Type** | 6-pin Ceramic SMD (approx. 5x7mm or 3.2x5mm depending on sub-rev) |
| **Frequency Range** | Typically 38.4 MHz to 170 MHz |
| **Pull Range** | ±50 ppm to ±100 ppm (Typical) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
### 2. Functional Breakdown
#### **A. Voltage Control (VC)**
Unlike standard fixed-frequency oscillators, the M3V64T1AJ-R has a "Control Voltage" pin. By varying the analog voltage on this pin (usually between 0V and 3.3V), the user can "pull" or slightly shift the output frequency. This is critical for Phase-Locked Loops (PLLs) to synchronize clocks between different systems.
#### **B. LVPECL Output**
The device uses **LVPECL** signaling, which is a differential output standard.
* **Advantage:** High noise immunity and excellent performance at high frequencies.
* **Requirement:** Requires specific termination resistors (typically 50 ohms to $V_{CC}-2V$) at the receiving end.
#### **C. Low Jitter Performance**
The "T" in the series often signifies optimized phase noise and low sub-picosecond jitter. This ensures that in high-speed data transmission (like Ethernet or SONET), the timing remains stable, reducing bit error rates.
---
### 3. Common Applications
* **Networking:** Gigabit Ethernet, Switches, and Routers.
* **Telecommunications:** SONET/SDH, Stratum 3 clocking, and base stations.
* **Broadcasting:** Digital video transmission equipment.
* **Clock Recovery:** Used in circuits where a clock must be recovered from a data stream.
---
### 4. Pin Configuration (Typical 6-Pin)
| Pin # | Function | Description |
|:---:|:---|:---|
| 1 | **$V_C$** | Voltage Control input to adjust frequency |
| 2 | **OE** | Output Enable (High = Active; Low = High Impedance) |
| 3 | **GND** | Case and circuit ground |
| 4 | **Output** | Positive LVPECL output |
| 5 | **Output** | Complementary (Negative) LVPECL output |
| 6 | **$V_{DD}$** | Power Supply (+3.3V) |
---
- ⤷
What are the specific termination requirements for the LVPECL output on this VCXO?
- ⤷ How does the 'Pull Range' affect the stability of a Phase-Locked Loop (PLL)?
- ⤷ Are there CMOS or LVDS alternatives to the M3V series?