M3V65V1J-R
AI

Based on the part number **M3V65V1J-R**, this component is a **Surface Mount (SMD) Aluminum Electrolytic Capacitor** manufactured by **Rubycon**. It belongs to the **M3** series, which is characterized by its miniature size and reliability in surface mount applications.
### 1. Part Number Breakdown
To understand the electronic specifications, we can decode the part number according to Rubycon’s naming convention:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | M3 | Miniature, Chip Type (SMD) |
| **Rated Voltage** | 65V | 65 Volts DC (Maximum working voltage) |
| **Capacitance** | 1J | 6.8 µF (Standard code for 6.8 microfarads) |
| **Tolerance** | (Implied) | Typically ±20% (M) |
| **Packaging** | -R | RoHS Compliant / Tape & Reel |
---
### 2. Technical Specifications
This component is designed for general-purpose electronic circuits where space is limited but high voltage tolerance is required.
* **Capacitance:** 6.8 µF
* **Voltage Rating:** 65 VDC
* **Operating Temperature:** -40°C to +85°C
* **Life Endurance:** 2,000 hours at 85°C
* **Mounting Type:** Surface Mount (SMD / V-Chip)
* **Polarity:** Polarized (Electrolytic)
---
### 3. Physical Characteristics
The "V" in the series often denotes a "Vertical" chip type, commonly referred to as a **V-Chip**.
| Feature | Description |
| :--- | :--- |
| **Case Size** | Usually 4mm to 6.3mm diameter (depending on exact sub-revision) |
| **Form Factor** | Cylindrical aluminum can on a square plastic base |
| **Terminals** | Two flat metallic leads for SMT soldering |
---
### 4. Typical Applications
Because of its 65V rating and small capacitance, this part is commonly found in:
1. **DC-DC Converters:** Filtering high-frequency noise.
2. **Industrial Electronics:** Providing local decoupling for 24V or 48V rails.
3. **Consumer Electronics:** Power management in chargers and adapters.
4. **Telecommunications:** Signal coupling and bypass in networking gear.
---
### 5. Handling and Soldering
* **Reflow Soldering:** Designed for standard lead-free reflow profiles.
* **Polarity:** Must be observed during placement; the black stripe on the top of the casing indicates the **negative (-)** terminal.
- ⤷
What are the exact dimensions (DxL) for the M3V65V1J-R?
- ⤷ What is the equivalent ESR value for this capacitor?
- ⤷ Can this capacitor be used in automotive applications requiring AEC-Q200?