Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3V66VAJ-R

  • AI
    Based on the part number provided, the **M3V66VAJ-R** is a specific technical component, typically identified as a high-precision **Voltage Controlled Crystal Oscillator (VCXO)** or a related timing component often manufactured by specialized firms like *Epson* or *NDK*. --- ## 1. Component Overview The M3V series generally belongs to the category of **SMD (Surface Mount Device)** crystal oscillators. These are used to generate a stable clock frequency for digital circuits. ### Key Specifications (Typical) | Feature | Description | | :--- | :--- | | **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Package Type** | SMD (Leadless Ceramic) | | **Frequency Stability** | High (often ±50ppm or better) | | **Operating Voltage** | Typically 3.3V or 5.0V | | **Output Type** | CMOS / TTL compatible | | **Application** | Networking, Telecom, Phase-Locked Loops (PLL) | --- ## 2. Part Number Breakdown While manufacturer codes vary slightly, the alphanumeric string generally represents: * **M3V:** The series identifier (often signifying a specific voltage and package size). * **66:** Likely refers to the **Nominal Frequency** (e.g., 66.000 MHz). * **V:** Usually indicates the Voltage Control functionality. * **AJ:** Internal manufacturer code for temperature range and frequency stability. * **-R:** Indicates the packaging method, specifically **Tape & Reel** for automated assembly. --- ## 3. Core Electronic Functions This part performs three primary roles within a circuit: 1. **Frequency Generation:** It provides the heartbeat for microprocessors or FPGAs. 2. **Frequency Tuning:** Because it is a **VCXO**, the output frequency can be slightly adjusted by changing the input control voltage. This is critical for synchronizing two different data streams. 3. **Jitter Reduction:** These parts are engineered to have very low "phase noise," ensuring that timing signals remain crisp and error-free over long periods. --- ## 4. Typical Application Circuit In a standard PCB layout, the part would be integrated as follows: ```mermaid graph LR VCC[Power 3.3V] --> Pin1 Control_Voltage --> Pin2 GND[Ground] --> Pin3 Pin4 --> Output[Clock Signal to CPU] ``` ### Pin Configuration (Common 4-6 Pin Layout) * **Pin 1:** Vc (Control Voltage) * **Pin 2:** OE (Output Enable) or NC * **Pin 3:** GND * **Pin 4:** Output * **Pin 6:** Vcc (Supply Voltage) --- ## 5. Usage Precautions * **Bypass Capacitors:** Place a 0.01µF to 0.1µF capacitor as close to the Vcc pin as possible to filter high-frequency noise. * **Soldering:** Being a ceramic crystal component, it is sensitive to excessive thermal shock. Follow the JEDEC reflow profile. * **Moisture Sensitivity:** These are usually rated at MSL 1 (Moisture Sensitivity Level 1), but should be kept in original packaging until use to prevent pad oxidation.
    ✨ Follow-up Questions
    • ⤷ What is the exact nominal frequency of the M3V66VAJ-R in MHz?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Can this part be substituted with a standard fixed-frequency oscillator?