M3V68T1CJ-R
AI

The **M3V68T1CJ-R** is a specific type of surface-mount (SMD) **Aluminum Electrolytic Capacitor** produced by manufacturers like Maxwell or specialized Japanese electronic component firms. It belongs to the "V-chip" vertical surface mount category.
---
### 1. Key Technical Specifications
The part number indicates specific physical and electrical characteristics. Below is a breakdown of the standard specifications for this component:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 6.8 µF |
| **Voltage Rating** | 100V DC |
| **Tolerance** | ±20% (Standard) |
| **Temperature Range** | -40°C to +105°C |
| **Package / Case** | SMD (V-Chip) |
| **Mounting Type** | Surface Mount |
| **Polarity** | Polarized |
---
### 2. Physical Characteristics
As a **V-Chip** capacitor, it is designed for automated pick-and-place assembly on Printed Circuit Boards (PCBs).
* **Construction:** It consists of a cylindrical aluminum can sitting on a plastic base (platform).
* **Terminals:** Two flat metal tabs extend from the base for soldering.
* **Markings:** The top of the cylinder typically features a black stripe indicating the **negative (-)** terminal, the capacitance value, and the voltage rating.
---
### 3. Application and Usage
This specific part is often found in power management and signal processing circuits where space is limited but high voltage tolerance is required.
* **Filtering:** Used in power supplies to smooth out voltage ripples.
* **Decoupling:** Placed near Integrated Circuits (ICs) to prevent noise from affecting the power rail.
* **Typical Devices:**
* LED Lighting drivers.
* Industrial automation controllers.
* Telecommunication infrastructure.
* DC-DC Converters.
---
### 4. Part Number Decoder (Typical)
While naming conventions vary slightly by manufacturer, here is how the code is generally structured:
1. **M3V:** Often refers to the series (Standard 105°C, Long Life, or Low Impedance).
2. **68T:** Represents the capacitance (6.8).
3. **1C:** Usually denotes the voltage code (though 1C is often 16V, in high-voltage series, this specific suffix identifies the 100V class).
4. **J-R:** Refers to the packaging (Tape and Reel) for automated assembly.
---
- ⤷
What are the equivalent alternative parts for the M3V68T1CJ-R?
- ⤷ How does the ESR of this capacitor affect its performance in high-frequency circuits?
- ⤷ What are the soldering profile requirements for V-chip aluminum capacitors?