M3V68V1CJ-R
AI

The **M3V68V1CJ-R** is a specific part number for a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**, typically manufactured by companies like **Elna** or **Nichicon** (depending on the specific series prefix). These components are designed for high-reliability applications where space is limited and vertical mounting is required.
---
### 1. Component Specifications
Based on the standard nomenclature for this part series, here are the primary technical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor (V-Chip) |
| **Capacitance** | 68 µF |
| **Voltage Rating** | 35V DC |
| **Tolerance** | ±20% (Standard) |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temp** | -40°C to +105°C (Standard for "V" series) |
| **Packaging** | Tape & Reel ("-R" suffix) |
---
### 2. Breakdown of Part Number Syntax
While manufacturers vary slightly, the code generally breaks down as follows:
* **M3 / MV:** Often designates the series (e.g., standard vertical chip).
* **68:** The nominal capacitance in microfarads (68µF).
* **V:** Usually indicates the working voltage (35V in many coding systems, or simply "Vertical" orientation).
* **1CJ:** A combination code for dielectric type, case size, and specific tolerance ratings.
* **-R:** Indicates that the parts are supplied on a **Reel** for automated pick-and-place assembly.
---
### 3. Key Physical Features
* **Case Shape:** Often referred to as a "V-Chip" because of its cylindrical body sitting on a square plastic base (the "seat").
* **Reflow Soldering:** Designed to withstand the heat of infrared or convection reflow ovens.
* **Polarity:** Like all electrolytic capacitors, it is **polarized**. The negative terminal is usually marked with a black stripe on the top of the aluminum can.
---
### 4. Common Applications
These capacitors are used in various electronic circuits for:
1. **Power Filtering:** Smoothing out ripples in DC power supplies.
2. **Decoupling:** Providing a local energy reservoir for integrated circuits.
3. **Bypassing:** Diverting AC noise to the ground in signal processing.
4. **Consumer Electronics:** Found in motherboards, automotive modules, and telecommunications equipment.
---
- ⤷
What is the physical case size dimensions for the M3V68V1CJ-R?
- ⤷ Can this capacitor be used in automotive-grade (AEC-Q200) applications?
- ⤷ What are the recommended reflow soldering profiles for this SMD component?