M3V68V1J-R
AI

The **M3V68V1J-R** is a specific surface-mount (SMD) high-capacitance **Aluminum Electrolytic Capacitor**. These components are typically used in power supply filtering and decoupling applications where space is limited but reliability is required.
---
## Technical Specifications
Based on standard industry nomenclature for this series, here are the primary electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 6.8 µF |
| **Voltage Rating** | 35V DC |
| **Tolerance** | ±20% (M) |
| **Mounting Type** | Surface Mount (SMD) |
| **Series** | Typically associated with MV or M3 series (Long life / General Purpose) |
| **Package/Case** | V-Chip (Cylindrical metal can on a square plastic base) |
---
## Component Breakdown
### 1. Capacitance (6.8 µF)
This value indicates the amount of electrical charge the part can store. In the context of 6.8 µF, it is often used for:
* Smoothing small fluctuations in DC voltage.
* Coupling or decoupling in signal paths.
### 2. Voltage Rating (35V)
The maximum continuous DC voltage that can be applied to the capacitor. It is recommended to operate this part at 80% or less of this rating (approx. 28V) for long-term stability.
### 3. SMD "V-Chip" Design
The "V" in the part number often refers to the **Vertical Chip** construction. This allows for:
* **Reflow Soldering:** Compatible with automated pick-and-place assembly lines.
* **Space Efficiency:** Takes up minimal PCB footprint compared to through-hole radial capacitors.
### 4. Polarity
As an electrolytic capacitor, this part is **polarized**. The top of the metal cylinder usually features a black or colored marking indicating the **Negative (-)** terminal. Reversing the polarity can lead to component failure or explosion.
---
## Common Applications
* **DC-DC Converters:** Filtering input/output noise.
* **Consumer Electronics:** Used in chargers, monitors, and audio equipment.
* **Automotive Modules:** Providing localized power stability for sensors.
* **Industrial Control:** Used in PLC (Programmable Logic Controller) power stages.
- ⤷
What is the temperature rating for the M3V68V1J-R?
- ⤷ Can this capacitor be used in AC circuits?
- ⤷ What are the dimensions of the V-Chip package for this specific capacitance?