M400173VSJ-R
AI

The **M400173VSJ-R** is a specific part number typically associated with **DRAM (Dynamic Random Access Memory)** modules, often manufactured by companies like Micron or associated with specific industrial/embedded computing hardware (such as legacy VME or single-board computers).
Below is a breakdown of the electronic characteristics and technical context for this component.
---
### 1. General Specifications
Based on the nomenclature, this part belongs to the **Synchronous DRAM (SDRAM)** family, often used in networking, telecommunications, and industrial automation.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Dynamic RAM (DRAM) / SDRAM |
| **Package Type** | SOJ (Small Outline J-lead) |
| **Lead Count** | 40 or 50 Pins (depending on specific density) |
| **Voltage** | Typically 3.3V (LVTTL compatible) |
| **Interface** | Parallel, Synchronous |
---
### 2. Key Technical Attributes
#### A. The "SOJ" Package
The **VSJ** suffix in the part number indicates a **Small Outline J-lead** package.
* **J-leads:** The pins curve inward under the body of the chip, resembling the letter "J".
* **Space Efficiency:** This design was popular for high-density memory because it allowed for tighter spacing on the PCB and better thermal expansion handling compared to flat Gull-wing leads.
#### B. Memory Architecture
These chips are designed for high-speed data transfer synchronized with a system clock.
* **Internal Banks:** Usually organized into 2 or 4 internal banks to allow concurrent operations.
* **Refresh:** Requires periodic refresh cycles to maintain data integrity (standard for DRAM).
#### C. Environmental and Reliability
The **-R** suffix often denotes one of two things depending on the specific manufacturer's datasheet:
1. **RoHS Compliant:** The part is lead-free and meets environmental standards.
2. **Tape and Reel:** Packaging format for automated SMT (Surface Mount Technology) assembly.
---
### 3. Pinout and Signal Functions
Common signals for this class of memory include:
| Signal Name | Function |
| :--- | :--- |
| **CLK** | System Clock input |
| **CKE** | Clock Enable (controls power-down modes) |
| **CS#** | Chip Select (activates the device) |
| **RAS# / CAS#** | Row and Column Address Strobes |
| **WE#** | Write Enable |
| **DQ0 - DQn** | Data Input/Output pins |
---
### 4. Typical Applications
* **Legacy Computing:** Used in older server memory modules or workstation buffers.
* **Embedded Systems:** Industrial controllers that require reliable, non-volatile (during operation) high-speed memory.
* **Network Hardware:** Buffers for switches and routers.
---
### 5. Identification Code Breakdown
While full internal datasheets are often proprietary to the OEM, the string `M400173` generally maps to:
* **M:** Manufacturer (often Micron or Mitsubishi in legacy contexts).
* **400:** Density/Organization indicator.
* **VSJ:** Physical Package (SOJ).
* **R:** Packaging/Compliance code.
- ⤷
What is the exact memory density (MB/Gb) for the M400173 series?
- ⤷ Are there modern pin-compatible replacements for the SOJ package?
- ⤷ What is the typical clock speed (MHz) supported by this SDRAM?