M500118TLK-R
AI

The **M500118TLK-R** is a specific surface-mount electronic component typically categorized as a **Zener Diode** or a **Transient Voltage Suppressor (TVS)**, depending on the manufacturer (commonly associated with parts used in automotive or power management circuits).
Below is a breakdown of its characteristics and technical specifications.
---
### 1. General Specifications
The part is designed for voltage regulation and protection against overvoltage transients in compact electronic assemblies.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Zener Diode / TVS Diode |
| **Package Type** | SOD-323 / SOD-523 (Varies by brand) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Polarity** | Unidirectional (Cathode Band marked) |
| **Lead Finish** | Matte Tin (RoHS Compliant) |
### 2. Key Technical Parameters
While specific values can vary slightly between manufacturers (such as Rohm or MCC), the "118" suffix often denotes the breakdown voltage characteristics.
* **Zener Voltage ($V_z$):** Typically represents a nominal voltage around **18V**.
* **Power Dissipation ($P_d$):** Generally rated between **200mW to 500mW** depending on the package thermal resistance.
* **Reverse Leakage Current ($I_r$):** Very low (usually in the $\mu A$ range) until the breakdown voltage is reached.
* **Operating Temperature:** standard $-55^{\circ}C$ to $+150^{\circ}C$.
### 3. Application Areas
This component is used in circuits where space is limited but protection is critical:
1. **Voltage Clamping:** Protecting sensitive IC pins from voltage spikes.
2. **Voltage Regulation:** Providing a fixed reference voltage for low-current circuits.
3. **Mobile Electronics:** Used in smartphones and tablets due to the small footprint.
4. **Automotive Bus Protection:** Protecting CAN or LIN bus lines from electrostatic discharge (ESD).
---
### 4. Part Number Breakdown (Typical)
* **M500:** Series identifier (often indicating power rating or specific silicon process).
* **118:** Voltage code (18V).
* **TLK / R:** Packaging and Taping code (Taped & Reeled for automated pick-and-place machines).
---
### 5. Equivalent Replacement Guide
If you are looking for alternatives, ensure the package size and Zener voltage match:
```yaml
Alternatives:
- BZT52C18 (SOD-123)
- MM3Z18VT1G (SOD-323)
- PDZ18B (SOD-323)
```
- ⤷
What is the exact Zener voltage tolerance for the M500118TLK-R?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ Can this part be used for bidirectional ESD protection?