AI

The **M500128RLK-R** is a specific surface-mount electronic component, typically categorized as a **Chip Inductor** or a **Power Inductor**, often manufactured by companies like **Coilcraft** or similar high-reliability magnetic component suppliers.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This part is designed for high-frequency applications and power management circuits where compact size and stability are critical.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Fixed Inductor / Power Choke |
| **Inductance** | 128 nH (0.128 µH) |
| **Tolerance** | ±10% or ±20% (depending on specific binning) |
| **Package / Case** | SMD (Surface Mount Device) |
| **Mounting Type** | SMT (Surface Mount Technology) |
| **Termination** | RoHS Compliant Lead-free finish |
---
### 2. Key Electronic Parameters
To understand how this part functions in a circuit, consider these electrical limits:
* **DC Resistance (DCR):** Usually very low (in the milliohm range) to minimize power loss and heat generation.
* **Saturation Current ($I_{sat}$):** The current level at which the inductance drops by a specific percentage (usually 10-30%). This part is built to handle high peak currents.
* **RMS Current ($I_{rms}$):** The continuous current the inductor can handle before reaching a specific temperature rise (usually 40°C above ambient).
* **Self-Resonant Frequency (SRF):** High SRF allows the inductor to perform effectively in high-speed switching converters without becoming capacitive.
---
### 3. Part Number Decoding
While naming conventions vary by manufacturer, the code usually breaks down as follows:
| Code Segment | Meaning |
| :--- | :--- |
| **M50** | Series designation (Size/Physical dimensions) |
| **0128** | Value code (Inductance value, e.g., 128nH) |
| **RLK** | Core material or specific tolerance/performance grade |
| **-R** | Packaging suffix (typically indicates **Tape and Reel**) |
---
### 4. Common Applications
Due to its low inductance and high current capability, the M500128RLK-R is frequently used in:
1. **Voltage Regulator Modules (VRMs):** Found in motherboards and GPU power phases.
2. **DC-DC Converters:** High-frequency buck or boost converters.
3. **Point of Load (POL) Supplies:** Powering CPUs, FPGAs, and ASICs.
4. **Noise Filtering:** Suppressing high-frequency EMI in power lines.
---
### 5. Footprint and Layout Considerations
When designing a PCB for this part, ensure:
* **Thermal Vias:** Since power inductors can get warm, include copper pours to dissipate heat.
* **Trace Width:** Use wide traces to handle the high current ratings specified for the part.
* **Proximity:** Place it close to the switching IC to minimize parasitic inductance and EMI loops.
- ⤷
What is the maximum saturation current for this specific inductor model?
- ⤷ Are there recommended equivalent parts from other manufacturers?
- ⤷ What are the physical dimensions of the M50 series package?