Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M500128RPK-R

  • AI
    The **M500128RPK-R** belongs to a specific category of magnetic components, typically used in high-speed networking and telecommunications applications. It is an **integrated RJ45 connector with internal magnetics** (also known as a MagJack). Below is a detailed breakdown of its electronic specifications and internal parts. --- ### 1. General Specifications This component is designed to bridge the physical connection between a network cable and a PCB, while providing necessary signal conditioning. | Parameter | Specification | | :--- | :--- | | **Component Type** | RJ45 Magnetic Module (MagJack) | | **Port Configuration** | 1x1 (Single Port) | | **Speed/Protocol** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Orientation** | Right Angle / Through-Hole | | **Shielding** | Metal Shield with EMI Tabs | --- ### 2. Internal Electronic Parts Inside the plastic housing of the M500128RPK-R, several discrete electronic elements are wired to ensure data integrity and safety. #### A. Isolation Transformers * **Purpose:** To provide galvanic isolation between the Ethernet line and the PHY (Physical Layer) chip. * **Protection:** It protects the delicate circuitry from voltage surges and ground loops. #### B. Common Mode Chokes (CMC) * **Purpose:** To suppress electromagnetic interference (EMI). * **Function:** They allow the differential signals (data) to pass while blocking common-mode noise that could be picked up by the long Ethernet cable. #### C. Bob Smith Termination * **Purpose:** Impedance matching. * **Parts:** Usually consists of high-voltage capacitors (e.g., 1000V) and resistors (75 ohms). * **Function:** It terminates unused wire pairs to the ground to reduce EMI radiation and improve susceptibility. #### D. Status LEDs * **Colors:** Usually Green/Yellow or Green/Orange. * **Function:** Integrated directly into the front of the connector to indicate "Link" and "Activity" status without requiring separate PCB holes for LEDs. --- ### 3. Pinout & Connectivity The electronic interface is divided into the **Cable Side** (RJ45 pins) and the **PCB Side** (Solder pins). | Side | Description | | :--- | :--- | | **Cable Side** | 8 contacts (Gold plated) for standard Cat5e/Cat6 cables. | | **PCB Side** | Pins for 4 differential pairs (TRD±), Center Taps (CT), and LED anodes/cathodes. | --- ### 4. Technical Drawing Reference (General) ```text [RJ45 Front] <--> [Transformers/Chokes] <--> [PCB Pins] | | | Physical Electrical Electronic Interface Isolation Connection ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage isolation rating for this part?
    • ⤷ Can this component support Power over Ethernet (PoE)?
    • ⤷ What are the footprint dimensions for the PCB layout?