M500320T2DK-R
AI

The **M500320T2DK-R** is a specific surface-mount electronic component, typically categorized as a **thick film chip resistor** or a specialized **MELF (Metal Electrode Leadless Face)** resistor, depending on the manufacturer's series (often associated with precision brands like KOA Speer or Viking).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Technical Specifications
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Fixed Resistor / Precision Chip |
| **Resistance Value** | 320 kΩ (based on "3203" or "320" coding) |
| **Tolerance** | ±0.5% or ±1% (Standard for "D" or "F" codes) |
| **Power Rating** | 0.25W (1/4 Watt) to 0.5W |
| **Package / Case** | 1206 (3216 Metric) or MELF |
| **Temperature Coefficient** | ±50 ppm/°C or ±100 ppm/°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Part Number Breakdown (Anatomy)
The part number follows a standard industry nomenclature which helps in identifying its physical and electrical properties:
* **M50 / M**: Often designates the series (e.g., High pulse, High voltage, or Precision MELF).
* **0320**: Represents the resistance value. In many coding systems, this signifies **320 kOhms**.
* **T**: Usually refers to the **Temperature Coefficient of Resistance (TCR)** or a specific tolerance grade.
* **2**: Can indicate the power rating (e.g., 2 = 1/2 Watt) or a specific size variant.
* **DK**: Often denotes the tolerance (D = 0.5%) and the packaging style.
* **-R**: Indicates that the part is supplied on a **Tape and Reel** for automated assembly and is **RoHS compliant**.
---
### 3. Key Electronic Features
1. **High Stability:** These parts are designed to maintain a consistent resistance value even under fluctuating thermal conditions.
2. **Pulse Handling:** If this is a MELF-style resistor, it offers superior pulse-load capability compared to standard flat-chip resistors due to its cylindrical construction.
3. **Low Noise:** The thin/thick film technology used reduces thermal noise, making it suitable for precision analog circuits.
4. **Environmental Protection:** Typically coated with a multi-layer epoxy or glass overcoat to protect against moisture and sulfur.
---
### 4. Common Applications
* **Industrial Controls:** Used in PLC (Programmable Logic Controller) inputs for signal conditioning.
* **Automotive Electronics:** Engine control units (ECUs) and battery management systems.
* **Measurement Equipment:** Multimeters and sensors where accuracy is critical.
* **Power Supplies:** Feedback loops where voltage stability is required.
---
### 5. Footprint Code (1206)
If the part follows the standard 1206 footprint, the dimensions are:
```text
Length: 3.2 mm (0.126 in)
Width: 1.6 mm (0.063 in)
Height: 0.5 - 0.6 mm
```
---
- ⤷
What is the difference between a MELF resistor and a standard flat chip resistor?
- ⤷ How do I calculate the power dissipation for this resistor in a 12V circuit?
- ⤷ Are there specific soldering temperature profiles recommended for this component?