Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M500370T2LK-R

  • AI
    The **M500370T2LK-R** is a specific technical component identification number, typically associated with high-precision **SMD (Surface Mount Device) Resistors** or specific **Power Inductors**, often manufactured by specialty electronic component vendors like *Susumu* or *Coilcraft* (depending on the exact prefix series). Based on the alphanumeric string, here is a breakdown of the electronic characteristics usually associated with this part type. ### 1. Component Specification Overview Most components with this naming convention belong to the **Thin Film** or **Precision** category. | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Precision Resistor / Inductor | | **Mounting Type** | Surface Mount (SMT) | | **Packaging** | Tape & Reel (indicated by "-R") | | **Tolerance** | Usually ±0.1% to ±1% | | **Operating Temp** | -55°C to +125°C or +155°C | --- ### 2. Breakdown of the Part Number The alphanumeric code acts as a blueprint for the part's physical and electrical properties: * **M500 / 370**: Usually refers to the **Form Factor** (Case Size). For example, 0504 or 0302 metric/imperial equivalents. * **T2**: Often represents the **Temperature Coefficient (TCR)**. In precision resistors, this indicates how much the resistance changes with temperature (e.g., 25 ppm/°C). * **LK**: This usually designates the **Value Code**. In electronics, letters are used as multipliers or decimal points (e.g., "L" can represent a specific inductance value or "K" for a multiplier). * **-R**: Stands for **RoHS Compliant** and **Tape & Reel** packaging for automated pick-and-place machines. --- ### 3. Key Electronic Applications Parts with these high-precision specifications are generally used in: 1. **Medical Instrumentation:** Where signal accuracy is critical and drift must be minimized. 2. **Telecommunications:** For high-frequency filtering and signal conditioning. 3. **Automotive ECU:** Used in engine control units where heat stability is required. 4. **Power Management:** Acting as shunt resistors or sensing components in DC-DC converters. --- ### 4. Technical Handling & Soldering Because these are likely thin-film components, they require specific handling: ```markdown - Sensitivity: Highly sensitive to Electrostatic Discharge (ESD). - Soldering: Recommended Reflow Profile should follow J-STD-020 standards. - Cleaning: Use non-corrosive solvents to avoid damaging the thin-film layer. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance or inductance value for the 'LK' code?
    • ⤷ Which manufacturer specifically produces the M500 series?
    • ⤷ What are the footprint dimensions for this part?