AI

### M54HC393D Electronic Overview
The **M54HC393D** is a high-speed CMOS device consisting of two independent 4-bit binary ripple counters. It is primarily used in digital circuits for frequency division, counting, and timing applications.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the M54HC393D:
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | 54HC (High-speed CMOS) |
| **Operating Voltage ($V_{CC}$)** | 2V to 6V |
| **Propagation Delay** | ~15ns at 4.5V |
| **Operating Temperature** | -55°C to +125°C (Military Grade) |
| **Max Clock Frequency** | ~50 MHz at 4.5V |
| **Package Type** | SO-14 (D suffix indicates Ceramic/SOIC) |
---
### 2. Functional Description
The device contains two identical, independent 4-stage counters. Because it is a **ripple counter**, the output of one flip-flop acts as the clock for the next.
#### A. Pin Functions
* **1CP, 2CP (Clock Inputs):** Triggered on the high-to-low transition (Negative Edge).
* **1CLR, 2CLR (Clear):** Asynchronous high-level inputs that reset all counter stages to zero (0000).
* **QA to QD:** The four parallel outputs representing the 4-bit binary count.
#### B. Truth Table (Per Counter)
| Clock (CP) | Clear (CLR) | Output (QA - QD) |
| :---: | :---: | :--- |
| X | H | All outputs = Low (0) |
| $\downarrow$ | L | Count advances by 1 |
| $\uparrow$ | L | No change |
---
### 3. Internal Architecture
The chip uses Silicon Gate $C^2MOS$ technology, which allows it to achieve speeds similar to LSTTL while maintaining the low power consumption of CMOS.
```mermaid
graph LR
CP[Clock Input] --> FF0[Flip-Flop A]
FF0 --> QA
FF0 --> FF1[Flip-Flop B]
FF1 --> QB
FF1 --> FF2[Flip-Flop C]
FF2 --> QC
FF2 --> FF3[Flip-Flop D]
FF3 --> QD
CLR[Clear Input] -.-> FF0 & FF1 & FF2 & FF3
```
---
### 4. Common Applications
* **Frequency Dividers:** By using specific outputs, you can divide the input frequency by 2, 4, 8, or 16.
* **Long-duration Timers:** By cascading the two counters, a single chip can function as an 8-bit counter (divide by 256).
* **Digital Clocks:** Used in the logic stages to track seconds, minutes, or hours.
* **Military/Aerospace:** The "M" prefix and wide temperature range make it suitable for harsh environments.
- ⤷
How does the ripple effect impact timing in high-speed applications compared to synchronous counters?
- ⤷ What is the specific pinout difference between the M54HC393 and the 74HC393?
- ⤷ Can this IC be used with 3.3V logic levels?