M5CT-15-R/Q
AI

The **M5CT-15-R/Q** is a high-performance current transformer manufactured by **METSE (Schneider Electric / Merlin Gerin)**. It belongs to the METSE series of measurement devices designed to transform high primary currents into standard lower currents (usually 5A) for use with power meters, relays, and monitoring equipment.
### 1. Technical Specifications
The following table summarizes the key electrical and physical parameters of the M5CT series:
| Parameter | Specification |
| :--- | :--- |
| **Model** | M5CT-15-R/Q |
| **Primary Current ($I_{pn}$)** | 1500 A (standard for this series) |
| **Secondary Current ($I_{sn}$)** | 5 A |
| **Accuracy Class** | Class 0.5 or 1.0 (typical) |
| **Burden / Power Output** | 10 VA to 15 VA |
| **Max. Voltage Rating** | 0.72 kV |
| **Frequency** | 50/60 Hz |
| **Mounting Type** | DIN Rail or Busbar mounting |
---
### 2. Core Electronic Components and Design
The M5CT-15-R/Q is a **passive electromagnetic component**. It does not contain integrated circuits (ICs) but relies on high-quality materials to ensure measurement precision:
* **Toroidal Core:** Made of high-permeability grain-oriented silicon steel. This ensures low magnetic loss (hysteresis) and prevents saturation during overcurrent conditions.
* **Secondary Winding:** Comprised of many turns of high-grade copper wire. The "5A" output is derived from the turns ratio ($N_1/N_2 = I_2/I_1$).
* **Encapsulation:** The internal components are protected by a flame-retardant (UL94-V0) polycarbonate plastic housing, providing electrical insulation and physical durability.
* **Terminals:** Features "Q" (Quick-connect) or "R" (Screw-type) terminals for secure connections to measurement devices like the **PowerLogic** series meters.
---
### 3. Application Use Cases
This specific part is used in industrial electrical distribution for:
1. **Energy Billing:** Providing accurate current data to utility-grade meters.
2. **Load Monitoring:** Tracking power consumption in Large Switchboards or Motor Control Centers (MCCs).
3. **Protection:** Interfacing with overcurrent protection relays to trigger circuit breakers during faults.
---
### 4. Wiring Diagram (Simplified)
When connecting the M5CT-15-R/Q, ensure the polarity (P1/P2 and S1/S2) is correct to avoid phase errors in power calculations.
```text
L1 (Source) ----------------- [ P1 ] ----------------- L1 (Load)
[ ] <-- CT Body
Meter Input (S1) <----------- [ S1 ]
Meter Input (S2) <----------- [ S2 ]
```
> **Warning:** Never leave the secondary terminals (S1, S2) open-circuited while the primary current is flowing. This can induce dangerously high voltages that may damage the CT or harm personnel.
- ⤷
What is the difference between Class 0.5 and Class 1.0 accuracy in these CTs?
- ⤷ How do I calculate the burden requirements for my power meter?
- ⤷ Can this CT be used for DC current measurement?