M5CT-50-R/Q
AI

The **M5CT-50-R/Q** is a high-precision, industrial-grade current transformer (CT) primarily designed for electronic monitoring, power management systems, and circuit protection.
---
### 1. Key Technical Specifications
The "50" in the model name typically denotes the rated primary current capacity. Below are the standard electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Primary Rated Current** | 50 Amperes |
| **Turns Ratio** | 1000:1 or 2000:1 (Varies by specific revision) |
| **Frequency Range** | 50Hz - 60Hz |
| **Accuracy Class** | Class 0.5 or 1.0 |
| **Insulation Voltage** | 2500V AC / 1 min |
| **Operating Temperature** | -25°C to +70°C |
---
### 2. Physical and Material Composition
As an electronic component, its build quality ensures linear output and safety:
* **Core Material:** Usually made of High-Permeability Nanocrystalline or Permalloy to ensure minimal phase shift and high accuracy.
* **Encapsulation:** The internal windings are encapsulated in **Epoxy Resin** (Flame retardant UL94-V0) for moisture resistance and mechanical stability.
* **Termination:**
* **R Version:** Often denotes "Round" or a specific terminal style (Flying leads).
* **Q Version:** Often indicates "Quick-connect" or PCB-mount pins.
---
### 3. Electronic Functionality
The M5CT-50-R/Q operates on the principle of electromagnetic induction:
1. **Current Reduction:** It scales down a high primary current (up to 50A) to a small, measurable secondary current (milliamps).
2. **Galvanic Isolation:** It provides a physical barrier between the high-voltage power line and the low-voltage monitoring electronics (like an Arduino, ESP32, or dedicated Energy Metering IC).
3. **Burden Resistor Requirement:** To convert the secondary current into a readable voltage, an external **Burden Resistor** must be connected across the output leads.
> **Warning:** Never open-circuit a current transformer while the primary current is flowing, as this can generate dangerously high voltage spikes.
---
### 4. Common Applications
* **Smart Meters:** Monitoring household or industrial energy consumption.
* **Overload Protection:** Sensing current spikes to trigger relays or breakers.
* **Sub-metering:** Distributing power costs in multi-tenant buildings.
* **IoT Power Monitoring:** Feeding data into cloud platforms for real-time energy analysis.
- ⤷
What is the recommended burden resistor value for the M5CT-50-R?
- ⤷ How do I calibrate this sensor for use with an Arduino?
- ⤷ What are the mechanical dimensions for PCB mounting?