M5MS-Z-R/K
AI

The **M5MS-Z-R/K** refers to a specific series of high-performance magnetic sensors, typically categorized as **Magnetoresistive (MR) Sensors** or **Magnetic Switch Sensors**. These are commonly used in industrial automation for cylinder position sensing (pneumatic/hydraulic).
---
## 1. Component Overview
These parts are designed to detect the proximity of a magnet (usually embedded in a piston) through a non-magnetic housing. The "Z" and "R/K" suffixes usually denote specific wiring configurations or output types.
### Key Specifications
| Feature | Typical Value / Description |
| :--- | :--- |
| **Sensor Type** | Magnetic Reed Switch or Solid State (GMR) |
| **Operating Voltage** | 5V to 240V AC/DC (Reed) / 10V to 30V DC (Solid State) |
| **Switching Current** | 5mA to 100mA |
| **Response Time** | < 1ms |
| **Indicator** | LED (usually Red or Green) |
| **Enclosure Rating** | IP67 (Water/Dust resistant) |
---
## 2. Part Number Breakdown
While manufacturer codes vary slightly, the R/K suffixes generally follow this convention:
* **-R (Reed Switch):** Uses physical contacts that close in a magnetic field. Compatible with both AC and DC.
* **-K (Solid State/Electronic):** Uses a transistor (NPN or PNP). These have no moving parts, offering a much longer lifespan and faster response times.
* **-Z:** Often indicates a specific mounting style (e.g., tie-rod mount or integrated LED circuitry).
---
## 3. Electrical Connection Diagram
The wiring depends on whether it is a 2-wire or 3-wire sensor.
### 2-Wire (Common for -R models)
```text
[ Power + ] ----( Load )---- [ Brown Wire ]
|
[ Sensor Unit ]
|
[ Power - ] ----------------- [ Blue Wire ]
```
### 3-Wire (Common for -K models - NPN)
```text
[ Brown ] ---> +VCC (10-30V)
[ Black ] ---> Output (Signal to PLC)
[ Blue ] ---> 0V (Ground)
```
---
## 4. Application Use Cases
1. **Pneumatic Cylinders:** Monitoring the end-stroke or mid-stroke position of a piston.
2. **Limit Switching:** Acting as a non-contact limit switch for moving machinery.
3. **Speed Sensing:** Counting rotations by detecting a magnet on a spinning shaft.
---
- ⤷
What is the difference in lifespan between the 'R' and 'K' versions?
- ⤷ How do I test if an M5MS-Z sensor is faulty using a multimeter?
- ⤷ Can these sensors be used with both NPN and PNP PLC inputs?