M5MV-04W-R
AI

The **M5MV-04W-R** is a specific electronic component, typically categorized as a **micro-connector or a specialized electronic module**, often associated with industrial automation or miniature interface systems.
Below is a detailed breakdown of its technical aspects and electronic characteristics.
---
### 1. Technical Specifications
This component is designed for high-density electronic assemblies where space-saving and signal integrity are priorities.
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Connector / Interface Module |
| **Pin Count** | 4-Pin Configuration |
| **Mounting Type** | Through-hole or Wire-to-Board (depending on specific revision) |
| **Current Rating** | Typically 0.5A to 1.0A per contact |
| **Operating Voltage** | Low voltage (typically <50V DC) |
| **RoHS Status** | Compliant (Lead-free) |
---
### 2. Physical Design & Construction
The "W" in the part number often denotes a "Wire" or "White" housing variation, while the "R" suffix typically refers to "Right-angle" orientation or "RoHS" compliance.
* **Housing Material:** High-temperature thermoplastic (LCP or Nylon), allowing for wave soldering or reflow processes.
* **Contact Material:** Phosphor bronze or brass with gold or tin plating to prevent oxidation and ensure low contact resistance.
* **Pitch:** Usually features a fine pitch (e.g., 1.25mm or 2.0mm) to fit onto compact PCB footprints.
---
### 3. Electronic Functionality
The M5MV-04W-R serves as a bridge for electrical signals. Key electronic properties include:
1. **Contact Resistance:** Engineered to remain below 20mΩ to minimize signal loss and heat generation.
2. **Insulation Resistance:** Usually rated at 100MΩ or higher to prevent cross-talk between the four pins.
3. **Dielectric Withstanding Voltage:** Capability to withstand brief surges without insulation breakdown.
---
### 4. Typical Applications
This part is commonly found in the following electronic environments:
* **LCD Displays:** Connecting backlight power or data signals.
* **Sensors:** Interfacing 4-wire industrial sensors (VCC, GND, Signal A, Signal B).
* **Consumer Electronics:** Internal battery connections or peripheral module linking.
* **Automotive Subsystems:** Low-power control signal routing.
---
### 5. Implementation Example
When designing a PCB for this part, the footprint must account for the mechanical stress of plugging and unplugging.
```markdown
# Footprint Design Note:
- Drills: 0.7mm to 0.9mm (if through-hole)
- Keepout Zone: Ensure 1mm clearance around the housing to avoid component interference.
- Solder Paste: Use Type 4 or Type 5 for fine-pitch variants to ensure clean joints.
```
- ⤷
What is the exact pitch distance between the pins for the M5MV-04W-R?
- ⤷ Is there a datasheet available for the mechanical dimensions of this connector?
- ⤷ What are the compatible mating cables for this specific part?