M5MV-14-R
AI

The **M5MV-14-R** is a high-performance, high-voltage mechanical relay part of the **M5 Series** manufactured by **Standex Electronics** (Meder). It is specifically designed as a reed relay for applications requiring high isolation and high switching voltages.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the M5MV-14-R:
| Parameter | Specification | Units |
| :--- | :--- | :--- |
| **Contact Form** | Form A (Normally Open) | - |
| **Coil Voltage** | 5 | VDC |
| **Switching Voltage** | Up to 14,000 (14kV) | VDC / Peak AC |
| **Breakdown Voltage** | Up to 15,000 (15kV) | VDC |
| **Switching Current** | 1.0 (Max) | Amps |
| **Carry Current** | 2.5 (Max) | Amps |
| **Contact Resistance** | < 150 | mOhm |
| **Isolation Resistance** | > 10^12 | Ohm |
---
### 2. Functional Components
The M5MV-14-R consists of several specialized electronic and mechanical parts integrated into a single module:
* **Vacuum Reed Switch:** The core component. It uses tungsten or rhodium-plated contacts sealed in a glass tube containing a vacuum or inert gas to prevent arcing at high voltages.
* **Excitation Coil:** A copper wire winding that creates a magnetic field when 5V is applied, pulling the reed contacts together to close the circuit.
* **Encapsulation (Potting):** The entire assembly is encapsulated in a high-dielectric epoxy resin. This provides the necessary insulation to prevent "flashover" between the high-voltage pins and the low-voltage coil pins.
* **Magnetic Shielding:** Often includes internal shielding to prevent the magnetic field from interfering with adjacent components on a PCB.
---
### 3. Connection Pinout
The relay typically features a split layout to maintain safe creepage and clearance distances:
```text
Low Voltage Side (Control):
- Pin 1: Coil (+)
- Pin 2: Coil (-)
High Voltage Side (Load):
- Pin 3: Switch Contact A
- Pin 4: Switch Contact B
```
---
### 4. Common Applications
Due to its ability to handle up to 14kV, this part is commonly used in:
1. **Automated Test Equipment (ATE):** High-pot testing and insulation resistance testing.
2. **Medical Electronics:** Defibrillators and laser power supplies.
3. **Mass Spectrometry:** Controlling high-voltage grids.
4. **Electric Vehicle (EV) Systems:** Testing isolation between the chassis and high-voltage battery packs.
- ⤷
What is the difference between the M5MV series and the standard M5 series?
- ⤷ How should I design the PCB layout to prevent arcing around this relay?
- ⤷ Does this relay require a flyback diode across the 5V coil?