M5MV-15-R
AI

The **M5MV-15-R** is a specific electronic component belonging to the **M5MV series** of high-performance, miniature high-voltage DC-DC converters, typically manufactured by companies like **Advanced Energy (formerly UltraVolt)**.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Component Overview
The M5MV-15-R is a precision-regulated, high-stability power supply module designed for applications requiring high voltage in a compact form factor.
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M-Series (Micro-size) |
| **Input Voltage** | 5V DC (Nominal) |
| **Output Voltage** | 0 to 1,500V DC (Adjustable) |
| **Output Power** | 1.0 Watt (Standard) |
| **Polarity** | Reversible (indicated by the "R" suffix) |
| **Package Type** | PCB Mount / Encapsulated |
---
### 2. Technical Specifications
This part is engineered for precision scientific and industrial instrumentation.
* **Input Range:** Typically operates within 4.5V to 5.5V DC.
* **Regulation:** High precision with <0.01% line regulation and <0.5% load regulation.
* **Ripple/Noise:** Low ripple (often <0.01% peak-to-peak), making it suitable for sensitive detectors.
* **Programming:** The output voltage is usually controlled via a 0 to 5V analog reference signal.
* **Protection:** Includes protection against short circuits and arc discharge.
---
### 3. Suffix Breakdown (M5MV-15-R)
The nomenclature defines the specific behavior of the unit:
* **M:** Micro-sized series.
* **5:** 5V DC Input voltage.
* **MV:** High Voltage / Precision series.
* **15:** Represents the maximum output voltage (1500V).
* **R:** **Remote Reversible.** This is a critical feature allowing the user to change the output polarity (positive or negative) via a control signal without changing hardware.
---
### 4. Typical Applications
Due to its high stability and small footprint, the M5MV-15-R is commonly found in:
1. **Photomultiplier Tubes (PMT):** Providing the bias voltage for light detection.
2. **Mass Spectrometry:** Precise ion acceleration.
3. **Electrostatic Chucks:** Small scale wafer or material handling.
4. **Avalanche Photodiodes (APD):** High-voltage biasing for optical sensors.
---
### 5. Pinout Concept (Standard M-Series)
While you should always consult the specific datasheet, the standard pinout for this class of module includes:
```markdown
1. Input Power (+5V)
2. Ground (Input/Output Common)
3. Remote Adjust (0-5V Analog Control)
4. Reference Voltage Output (Internal precise 5V)
5. Polarity Control (Logic signal for the 'R' function)
6. High Voltage Output
```
---
- ⤷
What is the maximum current output for the M5MV-15-R at 1500V?
- ⤷ How do you wire the polarity control pin to switch between positive and negative?
- ⤷ Are there heat sinking requirements for this module during continuous operation?