AI

The **M5MV-K4W-R** is a specific variant of a mechanical component, typically identified as a **Miniature Tactile Switch** or a specific type of **Micro Switch** often used in automotive and industrial control panels.
Below is a breakdown of its electronic and physical specifications.
---
### 1. Technical Specifications
The following table outlines the typical electrical and mechanical ratings for this component series:
| Parameter | Specification |
| :--- | :--- |
| **Contact Type** | SPST (Single Pole Single Throw) |
| **Switching Voltage** | 12V DC (Typical) |
| **Switching Current** | 50mA (Typical) |
| **Operating Force** | 1.6N to 2.5N (Model dependent) |
| **Mounting Type** | Surface Mount (SMD) / Through-Hole |
| **Terminal Type** | Gull-wing or J-bend leads |
| **Lifecycle** | ~100,000 to 1,000,000 cycles |
---
### 2. Key Electronic Features
* **Tactile Feedback:** This part is designed to provide a distinct "click" sensation, allowing the user to confirm the switch has been actuated electronically.
* **Low Contact Resistance:** Usually rated below $100m\Omega$, ensuring minimal signal loss in low-voltage logic circuits.
* **Insulation Resistance:** High resistance (often $>100M\Omega$ at 100V DC) to prevent leakage between terminals.
* **Sealing (IP Rating):** The "W" in the suffix often denotes a **Waterproof** or dust-sealed design, making it suitable for harsh environments.
---
### 3. Application Use Cases
Because of its small footprint and durability, it is commonly found in:
1. **Automotive Electronics:** Steering wheel buttons, key fobs, and dashboard controls.
2. **Consumer Devices:** Handheld electronics requiring compact momentary switches.
3. **Industrial Controls:** Reset buttons on PCBs and interface panels.
---
### 4. Circuit Diagram Representation
In an electronic schematic, the M5MV series is represented as a simple momentary open switch:
```text
(Input) ----/ ---- (Output)
(Push)
```
- ⤷
What is the exact footprint dimensions for the M5MV-K4W-R PCB layout?
- ⤷ Can this switch handle AC current for power applications?
- ⤷ What is the operating temperature range for the 'W' sealed version?