Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5PA-A10-R

  • AI
    The **M5PA-A10-R** is a specific electronic component typically identified as a **Micro-Switch** or **Snap Action Switch** often used in industrial control panels, limit sensing, and high-precision mechanical interfaces. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications This component is designed for low-to-medium power switching with high reliability. | Feature | Specification | | :--- | :--- | | **Switch Type** | Snap Action / Micro Switch | | **Actuator Style** | Pin Plunger (Standard) | | **Contact Configuration** | SPDT (Single Pole Double Throw) | | **Current Rating** | Typically 10A (indicated by the '10' in the model) | | **Voltage Rating** | 125V / 250V AC | | **Termination Style** | Solder Terminals / Quick Connect | | **Operating Force** | Medium (Standardized for industrial use) | --- ### 2. Key Electronic Components & Materials The internal architecture of the M5PA-A10-R consists of several critical parts that ensure electrical continuity: * **Contact Points:** Usually made of **Silver Alloy**. Silver provides excellent conductivity while the alloy adds durability against "pitting" caused by electrical arcing. * **Snap Mechanism:** Utilizes a **Beryllium Copper** spring. This material is chosen for its fatigue resistance, ensuring the switch "snaps" back to its original position millions of times. * **Housing:** Constructed from **Phenolic or Thermoplastic resin**. These materials provide high dielectric strength (insulation) and heat resistance. --- ### 3. Connection Diagram (SPDT) The device operates on a three-terminal system: 1. **COM (Common):** The input power or signal. 2. **NC (Normally Closed):** The circuit is complete when the switch is at rest. 3. **NO (Normally Open):** The circuit completes only when the plunger is depressed. ```mermaid graph LR Input[COM Terminal] --> NC[Normally Closed] Input -.-> NO[Normally Open] style Input fill:#f9f,stroke:#333 ``` --- ### 4. Typical Applications * **Safety Interlocks:** Ensuring a machine door is closed before operation. * **Limit Switching:** Detecting the end-of-travel for a CNC axis or 3D printer bed. * **Control Panels:** Used as a heavy-duty push button interface for industrial PLC inputs.
    ✨ Follow-up Questions
    • ⤷ What is the mechanical lifespan (number of cycles) for this switch?
    • ⤷ Can this switch be used for DC loads instead of AC?
    • ⤷ What are the mounting hole dimensions for the M5PA series?