M5PA-A14-R
AI

The **M5PA-A14-R** is a specific electronic component, typically categorized as a **Circular Connector** or a specialized interface adapter often used in industrial automation, sensor technology, and robotics.
---
### 1. General Specifications
While specific internal circuitry depends on the manufacturer (commonly associated with brands like Omron or specialized industrial suppliers), the "M5" designation generally refers to the metric thread size.
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | M5 Circular Connector |
| **Gender** | Plug/Male (usually indicated by 'P') |
| **Number of Pins** | 4-Pin (indicated by '14') |
| **Orientation** | Right-Angle ('R') |
| **Mounting Type** | PCB Mount or Panel Mount |
---
### 2. Key Electronic Features
#### A. Pin Configuration (A-Coding)
The "A" in the part number often signifies **A-coding**, which is the industry standard for:
* DC Power supplies.
* Sensor/Actuator connections.
* Transmitting analog or digital signals.
#### B. Electrical Ratings
* **Rated Voltage:** Typically 30V to 60V AC/DC.
* **Rated Current:** Usually 1A per contact (due to the small physical size of M5 pins).
* **Contact Resistance:** < 10 mΩ.
* **Insulation Resistance:** > 100 MΩ.
#### C. Physical Construction
* **Housing Material:** Often Nickel-plated brass or Stainless steel for durability.
* **Contact Material:** Gold-plated copper alloy to prevent oxidation and ensure stable signal transmission.
* **Ingress Protection:** Frequently rated at **IP67** or higher when mated, meaning it is dust-tight and waterproof.
---
### 3. Common Applications
Due to its small footprint and right-angle design, the M5PA-A14-R is used in space-constrained environments:
1. **Miniature Sensors:** Proximity switches and photoelectric sensors.
2. **Actuators:** Small solenoid valves or motor feedback loops.
3. **Drones/Robotics:** Lightweight signal interconnects for modular parts.
4. **Medical Equipment:** High-density portable diagnostic devices.
---
### 4. Part Number Breakdown (Typical)
```text
M5 - P - A - 14 - R
| | | | |
Size Plug Coding Pins Right-Angle
(5mm) (Standard) Orientation
```
---
- ⤷
What are the specific wiring diagrams for M5 A-coded connectors?
- ⤷ Can the M5PA-A14-R be used for high-speed data transmission like Ethernet?
- ⤷ What is the difference between M5
- ⤷ M8
- ⤷ and M12 industrial connectors?