Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5R13RPJ-R

  • AI
    The **M5R13RPJ-R** is a specific part number belonging to a series of **Rotary Potentiometers** or **Rotary Encoders**, often manufactured by companies like **Noble** or **Forward Electronics**. These components are widely used in consumer electronics for volume control, menu navigation, and parameter adjustment. --- ### 1. Component Specifications Below is a breakdown of the typical technical characteristics found in the M5R series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Rotary Encoder / Potentiometer | | **Series** | M5R (13mm Size) | | **Mounting Style** | Through-hole (PCB Mount) | | **Shaft Material** | Plastic or Metal (Projecting shaft) | | **Detents** | Usually 12, 24, or 30 pulses per rotation | | **Operating Life** | ~15,000 to 30,000 cycles | | **Rotation Angle** | 360° (Continuous) | --- ### 2. Part Number Breakdown While manufacturer coding varies slightly, the suffix generally indicates physical geometry: * **M5R:** Series identifier (usually indicates a 13mm body width). * **13:** Often refers to the shaft length (13mm) or a specific structural revision. * **RPJ:** Indicates the terminal configuration (e.g., Right-angle PCB pins) and shaft type (e.g., Flat, Knurled, or D-shape). * **-R:** Often denotes **RoHS compliance** or packaging style (Reel/Bulk). --- ### 3. Pin Configuration and Internal Logic If this part is an **Incremental Encoder** (most common for this series), it will typically have 3 or 5 pins: 1. **Phase A:** Signal output. 2. **Common (GND):** Ground reference. 3. **Phase B:** Signal output (offset from A to determine direction). 4. **Switch 1 (Optional):** If the part has a "Push-to-Select" button. 5. **Switch 2 (Optional):** Ground for the push button. #### Logic Table (Quadrature Output) ```text Direction | Phase A | Phase B ----------|---------|--------- Clockwise | High | Low (A leads B) Counter-CW| Low | High (B leads A) ``` --- ### 4. Common Applications * **Audio Equipment:** Volume knobs on car stereos or amplifiers. * **Home Appliances:** Timer settings on microwave ovens or washing machines. * **Industrial:** Interface controls for oscilloscopes and signal generators. * **Gaming:** Menu navigation controllers.
    ✨ Follow-up Questions
    • ⤷ What is the exact shaft length and shape for the RPJ variant?
    • ⤷ Can this part be replaced by a standard EC11 encoder?
    • ⤷ What is the rated voltage and current for the integrated switch?