Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5R13XHJ-R

  • AI
    The **M5R13XHJ-R** belongs to a specialized category of electronic components, typically identifying as a **surface-mount (SMD) power inductor** or a specific **magnetic component** often used in high-frequency power conversion. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications While specific data can vary by manufacturer (often associated with brands like **ITG Electronics** or **Cyntec**), parts in this series generally follow these parameters: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Component Type** | Shielded Power Inductor | - | | **Inductance** | 0.13 µH (Typical) | Henry (H) | | **Rated Current (Irms)** | 40A - 60A | Amperes (A) | | **Saturation Current (Isat)** | 50A - 90A | Amperes (A) | | **DCR (DC Resistance)** | 0.20 - 0.40 | mΩ | | **Operating Temp** | -40 to +125 | °C | --- ### 2. Physical Construction The "M5R" series is designed for high-density power applications. Its construction usually involves: * **Core Material:** Composite metal powder or ferrite, providing high saturation flux density. * **Shielding:** Magnetic shielding to minimize Electromagnetic Interference (EMI) with surrounding components. * **Terminations:** Solder-plated copper leads for Surface Mount Technology (SMT) assembly. * **Footprint:** Compact design (usually around 10mm to 13mm in length/width) to save PCB real estate. --- ### 3. Application Use Cases The M5R13XHJ-R is engineered for high-current, low-voltage environments. Common applications include: 1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery on motherboards and servers. 2. **DC-DC Converters:** Point-of-Load (PoL) converters where high efficiency is required. 3. **Power Supplies:** High-current switching power supplies for telecommunications. 4. **EV/Automotive:** Localized power management for sensors and onboard computers. --- ### 4. Technical Advantages * **Low DCR:** Minimizes power loss through heat (I²R loss), improving overall system efficiency. * **High Saturation:** Maintains inductance levels even under heavy electrical loads, preventing circuit instability. * **Thermal Stability:** Designed to operate in high-temperature environments without significant performance degradation. --- ### 5. Identification Code Breakdown (Example) Typically, the part number can be decoded as follows: * **M5R:** Series/Product Family. * **13:** Inductance value indicator (often $13 = 0.13\mu H$). * **XHJ:** Tolerance and material/height specific code. * **R:** Usually denotes "RoHS Compliant" or "Tape and Reel" packaging.
    ✨ Follow-up Questions
    • ⤷What is the exact saturation current for the M5R13XHJ-R?
    • ⤷ Can this inductor be used in automotive AEC-Q200 applications?
    • ⤷ What are the footprint dimensions for PCB layout?