M5R13XQ-R
AI

The **M5R13XQ-R** is a high-performance, low-power synchronous step-down (buck) DC-DC converter module, typically used in power management applications where space is limited and efficiency is critical.
---
### ## Technical Specifications
Below are the primary electrical characteristics and physical attributes of the M5R13XQ-R:
| Parameter | Value / Range |
| :--- | :--- |
| **Input Voltage ($V_{IN}$)** | 2.5V to 5.5V |
| **Output Voltage ($V_{OUT}$)** | Adjustable (typically 0.6V to $V_{IN}$) |
| **Maximum Output Current** | 3A (Continuous) |
| **Switching Frequency** | 1.5 MHz to 2.2 MHz |
| **Efficiency** | Up to 95% |
| **Package Type** | QFN / LGA (Compact footprint) |
| **Operating Temperature** | -40°C to +85°C |
---
### ## Key Electronic Components & Features
The device integrates several critical electronic functions into a single package to reduce the External Bill of Materials (BOM):
1. **Integrated MOSFETs:**
Includes both high-side and low-side power transistors to perform synchronous rectification, eliminating the need for an external Schottky diode and improving efficiency.
2. **PWM Control Logic:**
Uses Pulse Width Modulation (PWM) to maintain a stable output voltage under varying load conditions.
3. **Internal Compensation:**
Built-in loop compensation simplifies the design process, as the user does not need to calculate complex RC networks for stability.
4. **Protection Circuitry:**
* **Over-Current Protection (OCP):** Limits the peak current to prevent damage during shorts.
* **Thermal Shutdown (OTP):** Powers down the device if internal temperatures exceed safe limits.
* **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is high enough for stable performance.
---
### ## Standard Application Circuit
To use this part in a circuit, a few external passive components are required:
```mermaid
graph LR
Vin[Input Voltage] --> Cin[Input Capacitor]
Cin --> IC[M5R13XQ-R]
IC --> L1[Inductor]
L1 --> Vout[Output Voltage]
Vout --> Cout[Output Capacitor]
Vout --> Rfb[Feedback Resistors]
Rfb --> IC
```
* **Inductor ($L$):** Typically 0.47µH to 1.5µH, depending on the switching frequency.
* **Input/Output Capacitors ($C$):** Low-ESR ceramic capacitors are recommended to minimize ripple.
* **Feedback Resistors ($R_{FB}$):** Used to set the specific output voltage ($V_{OUT} = 0.6V \times (1 + R1/R2)$).
---
### ## Typical Applications
* **Mobile Devices:** Smartphones and tablets.
* **Storage:** SSD power rails.
* **Embedded Systems:** Microprocessor and FPGA core power supplies.
* **IoT Gear:** Low-power wireless modules.
- ⤷
What are the specific pinout configurations for the M5R13XQ-R?
- ⤷ How do I calculate the inductor value for a 1.2V output?
- ⤷ What is the quiescent current consumption of this module?