AI

The **M5R13ZHJ-R** is an alphanumeric liquid crystal display (LCD) module. While specific datasheets for niche model numbers can vary slightly by manufacturer, it follows the industry-standard architecture of the **HD44780** controller family.
---
## 1. Technical Specifications
Below is a breakdown of the primary electronic characteristics of this display module.
| Feature | Specification |
| :--- | :--- |
| **Display Type** | Alphanumeric (STN/FSTN) |
| **Format** | 16 Characters x 1 Line (Typical for this series) |
| **Operating Voltage** | 4.5V to 5.5V (Logic) |
| **Current Consumption** | 1.0mA - 3.0mA (Without Backlight) |
| **Interface** | 4-bit or 8-bit Parallel |
| **Controller** | Built-in (HD44780 equivalent) |
| **Backlight** | LED (Optional based on suffix) |
---
## 2. Pin Configuration
The module typically features a 14-pin or 16-pin (if backlit) interface.
| Pin No. | Symbol | Function |
| :--- | :--- | :--- |
| 1 | **VSS** | Ground (0V) |
| 2 | **VDD** | Power Supply (+5V) |
| 3 | **VO** | Contrast Adjustment (via Potentiometer) |
| 4 | **RS** | Register Select (0: Instruction, 1: Data) |
| 5 | **R/W** | Read/Write (0: Write, 1: Read) |
| 6 | **E** | Enable Signal (Clocking data) |
| 7-14 | **DB0-DB7** | Data Bus Lines |
| 15 | **A (LED+)** | Backlight Anode (+5V) |
| 16 | **K (LED-)** | Backlight Cathode (GND) |
---
## 3. Electronic Components & Internal Logic
### The Controller IC
The heart of the M5R13ZHJ-R is the **LCD Controller**. It contains:
* **DDRAM (Display Data RAM):** Stores the character codes currently displayed.
* **CGROM (Character Generator ROM):** Contains the standard font bitmaps (ASCII).
* **CGRAM (Character Generator RAM):** Allows users to define up to 8 custom symbols.
### Contrast Control
Pin 3 (**VO**) is critical. It controls the bias voltage of the liquid crystals. In most circuits, a 10kΩ potentiometer is connected between VDD and VSS, with the wiper connected to Pin 3 to clear up "ghosting" or faded text.
### Communication Modes
1. **8-bit Mode:** Uses all data pins (DB0-DB7). Fastest communication.
2. **4-bit Mode:** Uses only DB4-DB7. Saves microcontroller pins but requires two nibbles to be sent for every byte of data.
---
## 4. Integration Example (Arduino/C++)
To drive this module electronically, most developers use the `LiquidCrystal` library.
```cpp
#include
// Initialize the library with the numbers of the interface pins
// RS, E, D4, D5, D6, D7
LiquidCrystal lcd(12, 11, 5, 4, 3, 2);
void setup() {
lcd.begin(16, 1); // Set up for 16x1 display
lcd.print("M5R13ZHJ Active");
}
void loop() {
// Logic here
}
```
- ⤷
What is the maximum current draw when the LED backlight is active?
- ⤷ How do I calculate the resistor value for the backlight (Pin 15/16)?
- ⤷ Can this module be operated at 3.3V logic?