AI

The **M5R14ZLJ-R** is an electronic component, specifically a **Varistor** (Voltage Dependent Resistor) manufactured by **Thinking Electronic Industrial Co., Ltd.** It belongs to the TVR (Transient Voltage Receiver) series, designed to protect circuits against sudden voltage surges and lightning strikes.
---
## 1. Component Overview
The primary function of this part is to clamp high-voltage transients. Under normal operating voltages, it acts as an open circuit (high resistance). When a voltage surge occurs, its resistance drops rapidly, shunting the excess current to ground.
### Key Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Series** | TVR (Metal Oxide Varistor - MOV) |
| **Disk Size** | 14mm Diameter |
| **Varistor Voltage** | Typically indicated by "R14" code (Commonly 14V to 820V range) |
| **Mounting Type** | Through-Hole (Radial Lead) |
| **Material** | Zinc Oxide (ZnO) |
---
## 2. Part Number Breakdown
While manufacturer codes vary slightly, the "M5R14ZLJ-R" typically follows this logic:
* **M5**: Often refers to a specific lead style or tolerance class within Thinking Electronic's catalog.
* **R14**: Indicates the diameter of the ceramic disk (14mm). Larger disks can handle higher energy dissipation ($Joule$ rating).
* **ZLJ**: Represents specific performance characteristics, such as high-temperature endurance or specific safety certifications (UL/VDE).
* **-R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
## 3. Electrical Characteristics
These parts are defined by three critical electrical thresholds:
1. **Maximum Allowable Voltage:** The highest continuous RMS or DC voltage the device can withstand without triggering.
2. **Varistor Voltage ($V_{1mA}$):** The voltage at which the device begins to conduct 1mA of current. This is the "turning point."
3. **Maximum Clamping Voltage ($V_c$):** The peak voltage across the varistor when a specific pulse current is applied. This is the limit of what the downstream components will "see" during a surge.
---
## 4. Common Applications
Due to its 14mm size, this component provides a balance between compact design and high energy absorption, making it suitable for:
* **Power Supplies:** Protecting AC input stages of SMPS.
* **Consumer Electronics:** Televisions, washing machines, and refrigerators.
* **Industrial Equipment:** Control boards and PLC protection.
* **Telecommunications:** Protection for line interfaces.
---
## 5. Circuit Symbol & Installation
In a circuit diagram, it is represented by a symbol similar to a resistor but with a diagonal line ending in a horizontal "hook."
* **Placement:** It is almost always placed **in parallel** with the load it is protecting (e.g., across Line and Neutral).
* **Safety Tip:** It is highly recommended to use a thermal fuse in series with the varistor, as MOVs can overheat or fail short-circuit if subjected to sustained overvoltage.
- ⤷
What is the specific Joule rating for the 14mm ZLJ series?
- ⤷ How do I choose between a 10mm and a 14mm varistor for a 220V application?
- ⤷ What are the common failure modes of a Metal Oxide Varistor?