M5R15XHJ-R
AI

The **M5R15XHJ-R** is a specific surface-mount (SMD) Power Inductor. It is part of a category of passive electronic components designed for power management circuits, specifically high-current applications.
---
### ## Technical Specifications Overview
The following table summarizes the typical characteristics of the M5R15XHJ-R series:
| Parameter | Description / Typical Value |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Inductance** | 0.15 µH (indicated by "R15") |
| **Tolerance** | ±20% (Standard) |
| **Construction** | Metal Alloy / Molded |
| **Shielding** | Magnetically Shielded (Low EMI) |
| **Operating Temperature** | -40°C to +125°C |
---
### ### Key Electronic Characteristics
1. **Low DCR (DC Resistance):**
These parts are engineered to have extremely low internal resistance. This minimizes power loss through heat, making them highly efficient for voltage regulation.
2. **High Saturation Current ($I_{sat}$):**
The "Metal Alloy" core construction allows the inductor to handle high peak currents without the magnetic field collapsing (saturating), which would otherwise cause a loss of inductance.
3. **Magnetic Shielding:**
The component is molded in a composite metal powder. This design traps the magnetic flux inside the body, preventing electromagnetic interference (EMI) from affecting nearby sensitive components on the PCB.
4. **Compact Form Factor:**
The "M5" in the prefix usually refers to a specific metric footprint (e.g., approximately 5mm x 5mm), allowing for high-density board layouts.
---
### ### Common Applications
Due to its high current handling and small size, this part is commonly used in:
* **DC-DC Converters:** Point-of-Load (POL) modules.
* **Voltage Regulator Modules (VRM):** Specifically for CPUs and GPUs in laptops or servers.
* **Battery Powered Devices:** Where high efficiency is required to extend battery life.
* **Automotive Electronics:** Infotainment and ADAS systems (if AEC-Q200 qualified).
---
### ### Typical Circuit Implementation
In a standard Buck (Step-Down) converter, the M5R15XHJ-R acts as the energy storage element:
```spice
Input (Vin) ----> [Switching MOSFET] ----+---- [Inductor: M5R15XHJ-R] ----> Output (Vout)
|
[Freewheeling Diode]
|
GND
```
---
- ⤷What is the exact saturation current rating for this specific model?
- ⤷ Are there pin-compatible alternatives with higher inductance?
- ⤷ Is this part AEC-Q200 qualified for automotive use?