Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5R15ZLJ-R

  • AI
    The **M5R15ZLJ-R** is a specific surface-mount (SMD) power inductor commonly used in high-frequency DC-DC converter applications. It belongs to a category of "Molded Power Inductors" known for their high saturation currents and compact footprints. --- ### 1. Technical Specifications Below are the typical electronic characteristics for this component series: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 1.5 µH | | **Tolerance** | ±20% (M) | | **DC Resistance (DCR)** | ~15-20 mΩ (Approximate) | | **Saturation Current (Isat)** | High (typically 5A - 10A depending on size) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | Shielded Molded SMD | --- ### 2. Key Electronic Features #### A. Magnetic Shielding The part is "Molded," meaning the coil is embedded in a metallic iron powder composite. This provides **magnetic shielding**, which minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB. #### B. High Saturation (Isat) Unlike traditional ferrite core inductors that have a sharp drop in inductance when current exceeds a limit, the M5R series utilizes a "soft saturation" characteristic. This ensures the inductor remains functional even during brief current spikes. #### C. Low DCR (Direct Current Resistance) The internal copper winding is designed to have minimal resistance to reduce power loss through heat (I²R losses), making it highly efficient for battery-powered devices. --- ### 3. Common Applications Due to its 1.5µH inductance and power handling capabilities, it is frequently found in: * **Voltage Regulator Modules (VRM):** Powering CPUs and GPUs. * **DC-DC Buck Converters:** Step-down power supplies in laptops and tablets. * **Automotive Electronics:** Used in infotainment or ADAS systems due to its high temperature stability. * **IoT Devices:** Where space is limited but high efficiency is required. --- ### 4. Circuit Symbol and Footprint In a schematic, this part is represented by the standard inductor symbol. In layout software (like Altium or KiCad), the footprint is usually a rectangular SMD pad configuration (e.g., 5.0mm x 5.0mm or similar, depending on the specific "M5" chassis size). ```cpp // Typical usage in a Buck Converter Output Filter [Input Voltage] --> [Switching MOSFET] --> [M5R15ZLJ-R Inductor] --> [Output Vout] | [Filter Capacitor] | [GND] ```
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the M5R series footprint?
    • ⤷ How does the 'soft saturation' of molded inductors differ from ferrite cores?
    • ⤷ What is the maximum current rating specifically for the 1.5uH variant?