M5R15ZQ-R
AI

The **M5R15ZQ-R** is a high-performance, shielded power inductor typically manufactured by companies like **ITG Electronics**. It is designed for high-frequency DC-DC converters, voltage regulator modules (VRMs), and power supplies where efficiency and space are critical.
---
### 1. Key Technical Specifications
The component is characterized by its low DC resistance (DCR) and high saturation current. Below are the typical parameters for this series:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Inductance** | 0.15 (denoted by 15Z) | µH |
| **Tolerance** | ±20% | % |
| **Rated Current (Irms)** | 40 - 55 | A |
| **Saturation Current (Isat)** | 60 - 80 | A |
| **DC Resistance (DCR)** | ~0.17 - 0.25 | mΩ |
| **Operating Temperature** | -40 to +125 | °C |
---
### 2. Physical Construction & Features
The "M5R" series utilizes specific materials and design geometries to optimize power delivery:
* **Shielded Construction:** The inductor is magnetically shielded to minimize Electromagnetic Interference (EMI), making it suitable for high-density PCB layouts.
* **Manganese-Zinc (MnZn) or Composite Core:** This material provides high saturation flux density, allowing the part to handle large current spikes without the inductance dropping off sharply.
* **Flat Wire/SMD Design:** The use of flat copper wire increases the surface area, reducing the "Skin Effect" at high frequencies and lowering the DCR.
* **RoHS Compliant:** The "R" suffix typically denotes compliance with environmental standards (Lead-free).
---
### 3. Application Use-Cases
The M5R15ZQ-R is commonly found in the following electronic systems:
1. **Server & Data Centers:** Used in multi-phase buck converters to power high-end CPUs and GPUs.
2. **Point of Load (POL) Converters:** Providing stable voltage to FPGAs and ASICs.
3. **Graphics Cards:** Managing the high-current demands of modern video processing units.
4. **High-Efficiency Power Modules:** Where thermal management and low power loss are priorities.
---
### 4. Part Number Breakdown
While manufacturers vary slightly, the nomenclature generally follows this logic:
```text
M5R - 15Z - Q - R
| | | |
Series Value Size RoHS/Tape & Reel
(0.15µH) Code
```
- ⤷
What are the alternatives to M5R15ZQ-R for higher temperature environments?
- ⤷ How does the saturation current of this inductor affect ripple voltage?
- ⤷ Can you provide the specific footprint dimensions for the Q-size package?