M5R16RP-R
AI

The **M5R16RP-R** is a specific integrated circuit, typically categorized as a **Static Random Access Memory (SRAM)** module, often manufactured by Mitsubishi Electric (now part of Renesas). It is designed for low-power applications requiring reliable data storage without the need for constant refreshing (unlike DRAM).
### 1. General Specifications
Below are the primary technical characteristics of the M5R16RP-R series:
| Feature | Specification |
| :--- | :--- |
| **Type** | Static RAM (SRAM) |
| **Organization** | Usually 64K x 16 or similar (varies by sub-density) |
| **Voltage Supply** | 2.7V to 3.6V (Low Voltage) |
| **Access Time** | 70ns - 100ns (standard speed) |
| **Package Type** | TSOP (Thin Small Outline Package) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Key Internal Components & Architecture
The electronic operation of the M5R16RP-R relies on several internal functional blocks:
* **Memory Cell Array:** Uses a 6-transistor (6T) or 4-transistor/2-resistor cell design. Because it is "Static," it holds data as long as power is applied.
* **Address Decoders:** These circuits translate the binary input on address pins (A0–An) to select a specific row and column in the memory matrix.
* **Control Logic:**
* **Chip Select ($\overline{CS}$):** Activates the chip.
* **Write Enable ($\overline{WE}$):** Determines if the operation is a Read or Write.
* **Output Enable ($\overline{OE}$):** Controls the data output buffers to prevent bus contention.
* **Byte Control:** Since it is often a 16-bit wide architecture, it includes **$\overline{LB}$ (Lower Byte)** and **$\overline{UB}$ (Upper Byte)** pins to allow 8-bit or 16-bit operations.
---
### 3. Pin Configuration (Functional)
While the physical pinout depends on the specific package (TSOP I or II), the functional groups remain the same:
```markdown
1. Address Inputs (A0 - A15/16): Selects memory location.
2. Data I/O (DQ0 - DQ15): Bi-directional data pins.
3. VCC / GND: Power supply (typically 3.3V) and Ground.
4. CS1 / CS2: Chip select lines for power management.
5. WE: Write Enable (Low = Write).
6. OE: Output Enable (Low = Read).
7. UB / LB: Upper and Lower Byte control.
```
---
### 4. Applications
Due to its low power consumption and high reliability, the M5R16RP-R is commonly found in:
* **Industrial Controllers:** Used for buffer memory and parameter storage.
* **Handheld Devices:** Where battery life is critical.
* **Embedded Systems:** As high-speed cache or temporary data storage for microcontrollers.
- ⤷
What is the exact power consumption in standby mode for the M5R16RP-R?
- ⤷ How does the 'R' suffix in the part number affect its operating voltage?
- ⤷ Can you provide a timing diagram for the Write cycle of this SRAM?