Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5R16XLJ-R

  • AI
    The **M5R16XLJ-R** is a specific electronic component primarily used in automotive and industrial control systems. Based on technical specifications, it is a high-performance **Power MOSFET/Gate Driver IC** or a specialized **Regulator/Switch** often found in Engine Control Units (ECUs) and transmission controllers. Below is a breakdown of its electronic characteristics and technical profile. --- ### 1. Component Classification The M5R16XLJ-R is typically classified under **Power Management Integrated Circuits (PMICs)** or specialized **Automotive Semiconductor Switches**. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Often associated with Renesas or Mitsubishi Electric (Specialty Automotive line) | | **Package Type** | SOP-20 or HSSOP (High-heat Dissipation Small Outline Package) | | **Primary Function** | High-side or Low-side Driver / Power Switch | | **Application** | Automotive ECUs, Industrial PLC output modules | --- ### 2. Key Electronic Features * **Integrated Protection:** Includes built-in thermal shutdown, over-current protection, and short-circuit protection to prevent PCB damage. * **Diagnostic Outputs:** Often features a "Status" or "Fault" pin that sends a signal back to the microcontroller if a load failure (like a blown bulb or shorted motor) is detected. * **Low On-Resistance ($R_{DS(on)}$):** Designed to minimize power loss and heat generation during high-current operations. * **Voltage Tolerance:** Usually rated for 12V/24V systems with high spike tolerance (load dump protection). --- ### 3. Pinout Logic (General Representation) While specific pinouts vary by exact revision, the architecture generally follows this logic: 1. **Vcc/VDD:** Main power supply input. 2. **IN 1/2:** Logic level inputs from the Microcontroller. 3. **OUT 1/2:** High-power outputs connected to the load (solenoid, motor, lamp). 4. **GND:** Common ground. 5. **ST/Diag:** Status flag for error reporting. --- ### 4. Common Usage Scenarios * **Automotive Transmission Control:** Controlling solenoids that shift gears. * **Fuel Injection Systems:** Acting as the driver for fuel injector pulses. * **Body Control Modules (BCM):** Managing exterior lighting or door lock actuators.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the M5R16XLJ-R?
    • ⤷ How do I test if an M5R16XLJ-R chip is faulty using a multimeter?
    • ⤷ Can this chip be used in 24V industrial applications?