M5R25RP-R
AI

The **M5R25RP-R** is a specific electronic component, most commonly identified as a **tactile switch** (often manufactured by companies like Mitsumi or similar specialized switch producers). These are low-profile, surface-mount (SMD) components used in consumer electronics.
---
### 1. General Specifications
Based on the standard nomenclature for this part series, here are the technical characteristics:
| Property | Description |
| :--- | :--- |
| **Component Type** | Tactile Switch (Push Button) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Circuit** | SPST-NO (Single Pole Single Throw - Normally Open) |
| **Actuation Force** | Typically 1.6N to 2.5N (Newtons) |
| **Contact Rating** | 50mA @ 12V DC (Standard signal level) |
| **Travel Distance** | 0.25mm ± 0.1mm |
---
### 2. Internal Construction
The "R" in the suffix usually denotes "Reel" packaging, while the "RP" often refers to the specific plunger height or material.
1. **Contact Dome:** A stainless steel or copper alloy dome that snaps down when pressed, providing the "click" feel and completing the circuit.
2. **Base:** A high-temperature thermoplastic (LCP) base that can withstand reflow soldering temperatures.
3. **Terminals:** Silver-plated leads for high conductivity and oxidation resistance.
4. **Cover:** A metal plate crimped over the assembly to secure the internal dome and plunger.
---
### 3. Pin Configuration
Since this is a standard SMD tactile switch, it typically follows a 4-pin layout where the pins are internally connected in pairs.
| Pin Pair | Function |
| :--- | :--- |
| **1 & 2** | Internally connected |
| **3 & 4** | Internally connected |
| **1/2 to 3/4** | The circuit closes only when the button is depressed. |
---
### 4. Common Applications
Due to its small footprint and reliability, the M5R25RP-R is found in:
* **Automotive:** Key fobs and steering wheel controls.
* **Portable Electronics:** Power buttons on tablets or volume rockers on smartphones.
* **Home Appliances:** Control panels for microwaves or washing machines.
* **Industrial:** Reset switches on PCB motherboards.
---
### 5. Failure Modes
If you are troubleshooting this part, common failures include:
* **Oxidation:** Increased contact resistance leading to intermittent signal.
* **Mechanical Fatigue:** The metal dome loses its "snap" and stays stuck or feels mushy.
* **Solder Joint Stress:** Because it is an SMD part, physical force can sometimes crack the solder pads on the PCB.
- ⤷
What is the exact footprint dimensions for the M5R25RP-R for PCB design?
- ⤷ Can this switch be replaced by a standard 6x6mm tactile switch?
- ⤷ What is the recommended reflow soldering profile for this component?