M5R25ZH-R
AI

The **M5R25ZH-R** is a specific electronic component, primarily identified as a high-performance **Crystal Oscillator**. These components are essential for providing a stable clock signal to microprocessors and digital circuits.
---
### 1. General Specifications
The "M5R" series is typically manufactured by vendors like *MtronPTI*. Below are the technical characteristics associated with this part number:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package / Case** | 5.0 x 7.0 mm (SMD) |
| **Output Type** | CMOS / TTL |
| **Frequency Stability** | ±25 ppm (Standard for the '25' code) |
| **Voltage Supply** | 5.0V (Standard for the '5' code) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by the '-R' suffix) |
---
### 2. Key Electronic Characteristics
#### A. Frequency Stability
The "25" in the part number signifies a frequency stability of **±25 parts per million (ppm)**. This indicates the maximum deviation the frequency will have from its nominal value due to temperature changes or aging.
#### B. Supply Voltage (Vdd)
The "5" in the prefix usually indicates a **5.0V DC** operating voltage. This makes it compatible with older legacy systems and specific high-power industrial logic gates.
#### C. Tri-State Functionality
Most oscillators in this series feature a "Tri-state" or "Enable/Disable" function on Pin 1.
* **High/Floating:** The oscillator outputs the clock signal.
* **Low:** The output goes into a high-impedance state, reducing power consumption.
---
### 3. Pin Configuration (Typical 4-Pad SMD)
For the 5x7mm surface mount package, the pinout is generally standardized:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Enable/Disable or No Connection |
| **2** | GND | Ground / Case Connection |
| **3** | Output | The generated clock signal |
| **4** | Vdd | Power Supply (+) |
---
### 4. Common Applications
* **Networking:** Used in routers and switches for timing synchronization.
* **Industrial PC:** Provides the master clock for embedded processors.
* **Data Communications:** Ensures accurate data transfer rates in serial communication.
---
- ⤷
What is the exact nominal frequency for your specific M5R25ZH-R unit?
- ⤷ Can this oscillator be used with a 3.3V power supply?
- ⤷ What are the soldering layout dimensions for the 5x7mm package?