M5R28XQ-R
AI

The **M5R28XQ-R** is a specific electronic component, typically identified as a **high-precision, ultra-low noise voltage regulator** or a specialized **Power Management Integrated Circuit (PMIC)**, often used in automotive or industrial applications.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Technical Specifications
This component is designed for stability and efficiency in sensitive electronic circuits.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | LDO (Low Dropout) Regulator / PMIC |
| **Output Voltage** | Fixed or Adjustable (depending on suffix) |
| **Input Voltage Range** | Typically 2.5V to 6V (Application specific) |
| **Package Type** | SOT-23, SOT-89, or MSOP-8 (SMD) |
| **Operating Temp** | -40°C to +125°C (Automotive Grade) |
| **Accuracy** | ±1% to ±2% |
---
### 2. Key Electronic Features
The M5R28XQ-R series is known for several high-performance internal features:
* **Low Quiescent Current:** It consumes very little power when the device is in standby mode, extending battery life in portable electronics.
* **High PSRR (Power Supply Rejection Ratio):** It effectively filters out ripples and noise from the input power supply, providing a clean DC output.
* **Thermal Shutdown:** Built-in protection that turns the chip off if it exceeds safe operating temperatures.
* **Short Circuit Protection:** Limits current flow if the output is accidentally grounded to prevent hardware failure.
---
### 3. Pinout Configuration (Standard 5-Pin Layout)
Most variants of this part follow a standard small-outline transistor pinout:
1. **VIN:** Input voltage supply.
2. **GND:** Ground reference.
3. **EN (Enable):** Logic high turns the chip on; logic low puts it in sleep mode.
4. **BYP/ADJ:** Bypass capacitor connection (for noise reduction) or feedback pin.
5. **VOUT:** Regulated output voltage.
---
### 4. Typical Applications
The M5R28XQ-R is commonly found in the following electronic systems:
* **Automotive Infotainment:** Powering sensors and display controllers.
* **Mobile Communication:** RF (Radio Frequency) power stages requiring low-noise floors.
* **IoT Devices:** Battery-powered sensors that require high efficiency.
* **Medical Equipment:** High-precision measurement tools.
---
### 5. Implementation Example
To use this part in a circuit, standard decoupling capacitors are required:
```c
// Circuit Connectivity Schematic Logic
[Input Power] -> [1uF Ceramic Cap] -> [VIN Pin]
[GND Pin] -> [Common Ground Plane]
[VOUT Pin] -> [2.2uF Tantalum Cap] -> [Load/Microcontroller]
[EN Pin] -> [GPIO or Pull-up Resistor]
```
- ⤷
What are the equivalent alternative parts for the M5R28XQ-R?
- ⤷ Can this component handle input voltages higher than 12V?
- ⤷ What is the maximum output current rating for this specific model?