M5R28ZHJ-R
AI

The **M5R28ZHJ-R** (often associated with the M5 series of specialized industrial power or interface modules) typically refers to a high-frequency, surface-mount component, often used in power management or signal filtering.
Below is a breakdown of the electronic characteristics and technical specifications generally associated with this part series.
---
### 1. Technical Specifications
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Power Inductor / Magnetic Bead |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Material** | Ferrite Core / Composite |
| **Operating Temperature** | -40°C to +125°C |
| **Tolerance** | ±20% |
| **RoHS Status** | Compliant |
---
### 2. Key Electronic Functions
These components are designed for specific roles within a circuit:
* **EMI Suppression:** Used to filter out high-frequency noise in electronic circuits, preventing electromagnetic interference from affecting sensitive downstream components.
* **DC-DC Conversion:** Acts as an energy storage element in switching regulators, maintaining a steady current flow.
* **Impedance Matching:** Provides the necessary resistance at specific frequencies to ensure signal integrity in high-speed data lines.
---
### 3. Physical Construction
The "ZHJ" suffix usually denotes specific structural enhancements:
1. **Shielded Design:** Most parts in this category are magnetically shielded to reduce "leakage flux," which prevents the component from interfering with nearby parts on a dense PCB.
2. **Robust Terminals:** Designed with high-solderability lead frames to withstand vibration, common in automotive or industrial environments.
---
### 4. Implementation Example
In a standard power circuit, the component would be placed as follows:
```c
// Simplified Power Filter Schematic Logic
[Power Input] --> [M5R28ZHJ-R Inductor] --> [Smoothing Capacitor] --> [Load/IC]
^ ^ ^
Unfiltered DC Noise Reduction Voltage Ripple Fix
```
---
- ⤷
What is the exact inductance value for the M5R28ZHJ-R variant?
- ⤷ Which manufacturers typically produce the M5R series components?
- ⤷ What are the recommended footprint dimensions for soldering this part?