Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5R63TLJ-R

  • AI
    The **M5R63TLJ-R** is a specific technical code typically associated with a **fixed inductor**, often used in automotive and industrial power electronics. This component is part of a series designed for high-reliability applications, specifically high-current power supplies. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this component class, here are the primary electrical characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 5.6 µH (Microhenries) | | **Tolerance** | ±20% (standard for power inductors) | | **Current Rating (Irms)** | High current capability (ranges from 10A to 25A depending on package) | | **DC Resistance (DCR)** | Extremely low (mΩ range) to minimize heat loss | | **Core Material** | Metal Alloy / Iron Powder (for high saturation) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Physical Construction The "R" suffix and the "TLJ" series designation refer to specific structural attributes: * **Shielded Construction:** These inductors are magnetically shielded to prevent Electromagnetic Interference (EMI) from affecting surrounding components on the PCB. * **Molded Body:** The inductor is encased in a metallic composite material. This allows for a higher saturation current compared to traditional ferrite core inductors. * **Terminations:** Usually feature lead-free (RoHS compliant) tin plating designed for robust soldering in high-vibration environments. --- ### 3. Common Applications Due to its high current handling and stability, the M5R63TLJ-R is found in the following circuits: 1. **DC-DC Converters:** Used as the energy storage element in buck (step-down) or boost (step-up) converters. 2. **Automotive ECU:** Powering engine control units or Advanced Driver Assistance Systems (ADAS). 3. **Voltage Regulator Modules (VRM):** Providing stable current to high-performance CPUs or GPUs. 4. **Noise Filtering:** Acting as a low-pass filter to smooth out ripples in high-power supply lines. --- ### 4. Part Number Breakdown (General Pattern) * **M5R6:** Represents the Inductance value. "5R6" stands for **5.6** (where 'R' acts as the decimal point). * **3TLJ:** Refers to the series type, physical dimensions (case size), and internal winding technology. * **-R:** Generally indicates that the part is provided on a **Reel** for automated pick-and-place assembly, or denotes **RoHS** compliance.
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions (length/width) of the TLJ series package?
    • ⤷ How does a metal alloy core compare to a ferrite core in terms of saturation current?
    • ⤷ Can this inductor be used in high-temperature automotive grade (AEC-Q200) applications?