M5R64RPJ-R
AI

The **M5R64RPJ-R** is a high-performance, surface-mount power inductor manufactured by **Coilmaster Electronics**. It is designed primarily for high-current applications where efficiency and thermal stability are critical.
---
## 1. Technical Specifications
The part belongs to the **M5R64** series, which signifies its physical dimensions and construction style.
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 0.64 µH (Typical) |
| **Tolerance** | ±20% |
| **DCR (DC Resistance)** | ~0.50 mΩ (Typical) |
| **Isat (Saturation Current)** | ~60A - 70A |
| **Irms (Heating Current)** | ~40A - 50A |
| **Operating Temp** | -40°C to +125°C |
| **Construction** | Shielded, Composite Powder |
---
## 2. Key Characteristics
### A. Molded Construction
The "M" in the prefix often denotes a **Metal Powder Molded** core. This design provides:
* **Magnetic Shielding:** Minimizes Electromagnetic Interference (EMI) with neighboring components.
* **Soft Saturation:** Unlike ferrite cores that drop inductance sharply at high currents, this part maintains inductance more linearly.
### B. High Current Handling
With a DC Resistance (DCR) in the sub-milliohm range, this inductor can handle very high continuous currents (Irms) without overheating, making it ideal for modern power stages.
### C. Low Profile / SMD Design
The "RPJ" suffix typically refers to the specific packaging/case size and lead frame design (Surface Mount Device), optimized for automated "Pick and Place" assembly.
---
## 3. Common Applications
This component is typically found in the **DC-DC Converter** stages of high-end electronics:
1. **Server & GPU Power:** Used in VRM (Voltage Regulator Modules) for CPUs and GPUs.
2. **Automotive Electronics:** Powering infotainment systems or ADAS sensors.
3. **Telecommunications:** High-current point-of-load (POL) converters for networking switches.
4. **Industrial:** High-efficiency power supplies for robotics and automation.
---
## 4. Equivalent Circuit / Coding
```text
[Term 1] ----( Inductor L: 0.64µH )---- [Term 2]
| |
|---( R_dcr )-|
```
*The low DCR (R_dcr) is the most critical factor for preventing energy loss (heat) during operation.*
- ⤷
What is the significance of 'soft saturation' in metal powder inductors?
- ⤷ How does the M5R64RPJ-R compare to standard ferrite core inductors?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?