M5R64RQ-R
AI

The **M5R64RQ-R** is a high-performance **Molded Power Inductor** (typically manufactured by brands like Cyntec or similar power component specialists). These components are critical in modern electronics for voltage regulation and energy storage.
---
### 1. Technical Specifications
The part number usually encodes specific technical attributes. Below is a breakdown of the typical characteristics for this series:
| Property | Value (Typical) |
| :--- | :--- |
| **Inductance** | 0.64 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~0.85 mΩ (Ultra-low) |
| **Saturation Current (Isat)** | ~40A - 50A |
| **Heat Rating Current (Irms)** | ~30A - 35A |
| **Operating Temperature** | -55°C to +125°C |
| **Construction** | Metal Alloy / Molded Shielded |
---
### 2. Key Features
* **Molded Construction:** The coil is encapsulated in a metallic magnetic powder mixture. This provides excellent EMI (Electromagnetic Interference) shielding and physical robustness.
* **High Current Handling:** Due to the metal alloy core, it can handle very high saturation currents compared to traditional ferrite core inductors of the same size.
* **Low DCR:** The use of thick flat-wire or high-quality copper results in extremely low DC resistance, which minimizes power loss and heat generation.
* **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply when overloaded, this part features "soft" saturation, making the circuit more stable under peak loads.
---
### 3. Common Applications
These inductors are primarily found in high-density power stages:
1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery on motherboards and server cards.
2. **DC-DC Converters:** Found in Point-of-Load (POL) converters for telecommunications and industrial computing.
3. **Battery Powered Systems:** Ideal for high-efficiency mobile devices where space is limited and thermal management is critical.
---
### 4. Footprint and Mounting
The "R" at the end of the part number often signifies **Tape & Reel** packaging for automated SMT (Surface Mount Technology) assembly. The physical dimensions are typically compact (e.g., 5mm x 5mm or 6mm x 6mm range, depending on the specific package code within the M5R series).
- ⤷What are the equivalent alternative parts for the M5R64RQ-R?
- ⤷ How does the 'soft saturation' characteristic benefit a switching power supply?
- ⤷ What is the physical package size (case code) for this specific inductor?