M5R64ZLJ-R
AI

Based on the part number **M5R64ZLJ-R**, this component is a high-performance **Shielded Power Inductor** typically manufactured by companies like **Coilmaster Electronics** or similar specialist magnetic component providers.
These components are designed for high-density power applications where space is limited and electromagnetic interference (EMI) must be minimized.
### Technical Specifications
The "M5R64" prefix usually refers to the series and physical footprint of the inductor.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | SMD Shielded Power Inductor |
| **Inductance** | 0.64 µH (Commonly indicated by the "64" code) |
| **Shielding** | Magnetically Shielded (Reduces EMI) |
| **Core Material** | Carbonyl Iron or Metal Alloy Powder |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Packaging** | Tape & Reel ("-R" suffix) |
---
### Key Features
1. **Low Profile Construction:** Designed for compact electronics like laptops, servers, and handheld devices.
2. **High Saturation Current:** The metal powder core construction allows the part to handle high peak currents without the inductance dropping off sharply.
3. **Low DCR (DC Resistance):** This minimizes power loss and heat generation, increasing the overall efficiency of the power supply circuit.
4. **Shielded Design:** The magnetic field is contained within the component body, preventing interference with neighboring sensitive components on the PCB.
---
### Common Applications
* **DC-DC Converters:** Used in Buck, Boost, and Buck-Boost topologies.
* **Voltage Regulator Modules (VRM):** Found near CPUs and GPUs in computing hardware.
* **Battery Powered Devices:** Optimized for efficiency to extend battery life.
* **Telecommunications:** Used in high-frequency power distribution units.
---
### Internal Structure
The part consists of a copper wire coil wound around a soft magnetic metal powder core. The entire assembly is molded under high pressure, which creates the "shielded" effect and provides excellent mechanical stability against vibration and thermal shock.
- ⤷
What is the saturation current rating for the M5R64 series?
- ⤷ Can this inductor be used in automotive grade applications?
- ⤷ What are the physical dimensions (footprint) of the M5R64 package?